Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0F1U2LP3Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # D5V0F1U2LP3Q
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F1U2LP3Q Datasheet(HTML) 1 Page - Diodes Incorporated

  D5V0F1U2LP3Q Datasheet HTML 1Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 2Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 3Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 4Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
D5V0F1U2LP3Q
Document number: DS42344 Rev. 1 - 2
1 of 5
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
D5V0F1U2LP3Q
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Features
Ultra-Small, Low Profile Leadless Surface Mount Package (0.6 x
0.3 x 0.3mm)
IEC 61000-4-2 (ESD): Air
– ±20kV, Contact – ±15kV
1 Channel of ESD Protection
Low Channel Input Capacitance of 0.5pF Typical
Typically Used at High Speed Ports such as USB 3.0,
IEEE1394, Serial ATA, DVI, HDMI, PCI
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
The
DIODES™ D5V0F1U2LP3Q is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: X3-DFN0603-2
Package
Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
Matte Tin over Copper Leadframe,
Solderable per MIL-STD-202, Method 208
Weight: 0.0002 grams (Approximate)
Ordering Information (Note 4)
Part Number
Package
Marking
Reel Size (inches)
Tape Width (mm)
Packing
Qty.
Carrier
D5V0F1U2LP3Q-7
X3-DFN0603-2
TK
7
8
10,000
Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more
information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Device Schematic
TK = Product Type Marking Code
= Assembled in Chengdu
Bar Denotes Pin 1 or Cathode Side
Top View
Bottom View
X3-DFN0603-2
Pin 1
Pin 2
TK


Similar Part No. - D5V0F1U2LP3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2LP3-13 DIODES-D5V0F1U2LP3-13 Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0F1U2LP3-7 DIODES-D5V0F1U2LP3-7 Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
D5V0F1U2LP3-7 DIODES-D5V0F1U2LP3-7 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2LP3-7B DIODES-D5V0F1U2LP3-7B Datasheet
101Kb / 4P
LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 9
More results

Similar Description - D5V0F1U2LP3Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP05LC DIODES-DLP05LC Datasheet
77Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. D-2
DLP05LC DIODES-DLP05LC_1 Datasheet
108Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS30283 Rev. 8 - 2
DLP03LC DIODES-DLP03LC Datasheet
112Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS
DS31132 Rev. 10 - 3
DLP05LC DIODES-DLP05LC_09 Datasheet
88Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS
Rev. 11 - 2 September 2009
logo
Pan Jit International I...
PJLPT05 PANJIT-PJLPT05 Datasheet
191Kb / 3P
LOW CAPACITANCE UNIDIRECTIONAL TVS
logo
Diodes Incorporated
D5V0F1U2LP3 DIODES-D5V0F1U2LP3 Datasheet
270Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 3
D5V0F1U2S9 DIODES-D5V0F1U2S9 Datasheet
242Kb / 4P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 1
DT2042-01CSP DIODES-DT2042-01CSP Datasheet
273Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
Rev 2
D5V0F1U2S9Q DIODES-D5V0F1U2S9Q Datasheet
211Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
April 2019 Rev. 1 - 2
DESDALC14V2LP3 DIODES-DESDALC14V2LP3 Datasheet
430Kb / 5P
LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
October 2014 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com