Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D5V0F1U2LP3Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # D5V0F1U2LP3Q
Description  LOW CAPACITANCE UNIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D5V0F1U2LP3Q Datasheet(HTML) 3 Page - Diodes Incorporated

  D5V0F1U2LP3Q Datasheet HTML 1Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 2Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 3Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 4Page - Diodes Incorporated D5V0F1U2LP3Q Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
D5V0F1U2LP3Q
Document number: DS42344 Rev. 1 - 2
3 of 5
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
D5V0F1U2LP3Q
Note:
8. Measured from any I/O to GND.
0
t, TIME ( s)
Figure 3 Pulse Waveform
20
40
60
100
50
0
Peak Value Ipp
Half Value I
/2
pp
8x20 Waveform
as defined by R.E.A.
0.01
0.1
1
10
100
1000
300
400
500
600
700
800
900
1000
1100
Figure 4 Typical Forward Characteristics
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
T = 25
癈
A
T = 85
癈
A
T = 125
癈
A
T = 150
癈
A
T = -55
癈
A
1
10
100
0
1
2
3
4
5
5.5
V , REVERSE VOLTAGE (V)
R
Figure 5 Typical Reverse Characteristics
T = 25
癈
A
T = 85
癈
A
T = 125
癈
A
T = 150
癈
A
T = -55
癈
A
0.2
0.25
0.3
0.35
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
V , REVERSE VOLTAGE (V)
R
Figure 6 Total Capacitance vs. Reverse Voltage
0.4
0.5
0.6
f = 1MHz
Note 8
0.45
0.55
0.1
0.15
150°C
125°C
85°C
25°C
-55°C
150°C
125°C
85°C
25°C
-55°C
0.00
0.50
1.00
1.50
2.00
2.50
3.00
9
10
11
12
13
V
C, FROM CATHODE TO ANODE (V)
Figure 7 Clamping Voltage Characteristic
IEC61000-4-5
(Lighting)
0
5
10
15
20
25
30
0
5
10
15
20
25
30
35
VOLTAGE FROM CATHODE TO ANODE (V)
Figure 8 TLP Curve (tp = 100ns)
(
μs)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com