Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC4151CE4R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ZSSC4151CE4R
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE4R Datasheet(HTML) 4 Page - Renesas Technology Corp

  ZSSC4151CE4R Datasheet HTML 1Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
4
March 25, 2020
1. Pin Assignments
In addition to tested die and wafer, the ZSSC4151C is available in a 24-QFN RoHS-conformant package (4
 4 mm; wettable flanks) and in a
16-TSSOP package (5.0 x 4.4 mm according to JEDEC MO-153) with an exposed pad. For details regarding die and wafers, refer to the
ZSSC4151C Technical Note – Die and Pad Dimensions, which is available on request (see last page for contact information).
Recommendation: On the printed circuit board (PCB), the land pattern of the exposed pad should be shorted to the solder pad of the VSSA pin.
1.1 Pin Layout for 24-QFN Package
Note: The backside of the 24-QFN package (exposed pad; see section 12) is electrically connected to VSSA. A solder connection to the exposed
pad of the 24-QFN package is not needed.
Figure 1. 24-QFN Pin Assignments – Top View
ZSSC4151C
18
TS2
17
TOP
16
TS1
15
BOT
13
BR1N
14
12
11
10
9
7
8
VSSE
1
VDDE
2
SCL
3
SDA
4
VDDA
6
VSSA
5
19
20
21
22
24
23
1.2 Pin Layout for 16-TSSOP Package
Note: The backside of the package 16-TSSOP (exposed pad; see section 12) is electrically connected to VSSA. A solder connection to the
exposed pad of the 16-TSSOP package is not needed.
Figure 2. 16-TSSOP Pin Assignments – Top View
BOT
TS1
TOP
n.c.
VSSE
SCL
SDA
2
1
3
TS2
VSSA
4
5
n.c.
6
7
15
16
14
13
12
11
10
VDDE
BR1N
BR1P
AOUT
8
9
VDDA
n.c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com