| Electronic Components Datasheet Search |
|
ZSSC4151CE4R Datasheet(PDF) 16 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ZSSC4151CE4R Datasheet(HTML) 16 Page - Renesas Technology Corp |
|
16 / 33 page ![]() ZSSC4151C Datasheet © 2022 Renesas Electronics Corporation 16 March 25, 2020 7.2 Signal Measurement 7.2.1 Full Bridge Sensor Measurement The ZSSC4151C measures a differential bridge sensor element signal (BR1P to BR1N). The signal path is ratiometric and fully differential. The ratiometric reference voltage VREF is equal to (VTOP – VBOT). 7.2.2 Temperature Measurements The ZSSC4151C supports different methods for acquiring temperature data needed for the conditioning of the sensor signal: Internal PTAT sensor External PN-junction temperature sensor connected to the TS1 or TS2 pin and referenced to the sensor top potential (TOP pin) External resistive half-bridge temperature sensors connected to the TS1 or TS2 pin Temperature coefficients of the connected resistive sensing element 7.2.3 Measurement Cycle The measurement cycle is the sequence of measurement tasks processed continuously during the Normal Operation Mode (NOM). It delivers the raw measurement results from all connected sensor elements and from the supervision functions. The measurements are processed sequentially, all using the same ADC to convert the analog input voltages to a digital value. All measurement tasks are executed at least once in the measurement cycle. Measurement tasks that are related to the bridge sensor element measurements are measured most frequently in the main measurement slots; all other measurements are inserted alternatively as auxiliary measurements. The sequence of measurements is retained even if any fault check connected to a measurement is disabled. The sensor signal conditioning is synchronized to the main measurement tasks to ensure a regular internal output update rate. The list of available measurements and the complete measurement cycle is described in the ZSSC4151C Functional Description in detail. Figure 5 shows the principle measurement cycle of the ZSSC4151C using the following abbreviations: BR = Bridge Measurement X_AZ = Auto-Zero Measurement PTAT = Internal Temperature Sensor Measurement BIST_AFE = Analog Frontend Built-in Self-Test EXT_T = External Temperature Sensor Measurement SCC = Sensor Connection Check SSC = Sensor Short Check BR_SETTLE = Bridge Settling Task CMV = Common Mode Voltage Measurement VDDA = VDDA Measurement Figure 5. ZSSC4151C Principle Measurement Cycle VDDA BR ROM-based PTAT_AZ BR BR_AZ PTAT SCC SSC BR BR BR BR CMV1/2 BR_SETTLE BR BIST_AFE BR BR BR BR BR BR_SETTLE ROM-based ROM-based ROM-based ROM-based ROM-based NVM-based NVM-based ROM-based NVM-based BR Ext_T NVM-based |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |