Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZSSC4151CE4R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ZSSC4151CE4R
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE4R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ZSSC4151CE4R Datasheet HTML 2Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 3Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 4Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 5Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 6Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 7Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 8Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 9Page - Renesas Technology Corp ZSSC4151CE4R Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ZSSC4151C Datasheet
© 2022 Renesas Electronics Corporation
6
March 25, 2020
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses greater than those listed below can cause permanent damage to the device.
Functional operation of the ZSSC4151C at absolute maximum ratings is not implied. Exposure to absolute maximum rating conditions might
affect device reliability.
Table 2.
Absolute Maximum Ratings
Requirement
Parameter
Symbol
Conditions
Min
Max
Unit
DS_001
Supply voltage
VDDE_ABS
-40
40
VDC
DS_002
Voltage at AOUT pin
VAOUT_ABS
-40
40
VDC
DS_003
Pin voltage difference
VDIFF_ABS
Voltage between any two of
these pins: VDDE, AOUT and
VSSE
-40
40
V
DS_004
Analog supply voltage
VDDA_ABS
On-chip controlled voltage; do
not supply externally
-0.3
6.5
VDC
DS_005
Voltage at all other pins
VPIN_ABS
Maximum voltage is VDDA + 0.3V
-0.3
6
V
DS_006
Junction temperature [a]
TJ_ABS
-50
160 [a]
C
DS_007
Storage temperature
TSTOR_ABS
-55
155
C
[a] The specified junction temperature range TJ is required for both normal operation and all protection cases. In the event of an over-voltage, the
device might have increased power dissipation. Depending on the sensor elements and the output load, this could lead to a violation of the
maximum junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com