Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7481ARMZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 10Page - Analog Devices ADT7481ARMZ Datasheet HTML 11Page - Analog Devices ADT7481ARMZ Datasheet HTML 12Page - Analog Devices ADT7481ARMZ Datasheet HTML 13Page - Analog Devices ADT7481ARMZ Datasheet HTML 14Page - Analog Devices ADT7481ARMZ Datasheet HTML 15Page - Analog Devices ADT7481ARMZ Datasheet HTML 16Page - Analog Devices ADT7481ARMZ Datasheet HTML 17Page - Analog Devices ADT7481ARMZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADT7481
Rev. 0 | Page 14 of 24
STATUS REGISTERS
The status registers are read-only registers, at Address 0x02
(Status Register 1) and Address 0x23 (Status Register 2). They
contain status information for the ADT7481.
Table 11. Status Register 1 Bit Assignments
Bit
Mnemonic
Function
ALERT
7
BUSY
1 when ADC converting
No
6
LHIGH1
1 when local high temperature
limit tripped
Yes
5
LLOW1
1 when local low temperature limit
tripped
Yes
4
R1HIGH1
1 when Remote 1 high temperature
limit tripped
Yes
3
R1LOW1
1 when Remote 1 low temperature
limit tripped
Yes
2
D1 OPEN1
1 when Remote 1 sensor open
circuit
Yes
1
R1THRM1
1 when Remote1 THERM limit
tripped
No
0
LTHRM1
1 when local THERM limit tripped
No
1 These flags stay high until the status register is read, or they are reset by
POR.
Table 12. Status Register 2 Bit Assignments
Bit
Mnemonic
Function
ALERT
7
Res
Reserved for Future Use
No
6
Res
Reserved for Future Use
No
5
Res
Reserved for Future Use
No
4
R2HIGH1
1 When Remote 2 High
Temperature Limit Tripped
Yes
3
R2LOW1
1 When Remote 2 Low Temperature
Limit Tripped
Yes
2
D2 OPEN1
1 When Remote 2 Sensor Open
Circuit
Yes
1
R2THRM1
1 When Remote2 THERM Limit
Tripped
No
0
ALERT
1 When ALERT Condition Exists
No
1 These flags stay high until the status register is read, or they are reset by
POR.
The eight flags that can generate an ALERT are NOR’d together.
When any flag is high, the ALERT interrupt latch is set and the
ALERT output goes low (provided that the flag(s) is/are not
masked out).
Reading the Status 1 register will clear the five flags (Bit 6
through Bit 2) in Status Register 1, provided the error
conditions that caused the flags to be set have gone away.
Reading the Status 2 register will clear the three flags (Bit 4
through Bit 2) in Status Register 2, provided the error
conditions that caused the flags to be set have gone away. A flag
bit can only be reset if the corresponding value register contains
an in-limit measurement, or if the sensor is good.
The ALERT interrupt latch is not reset by reading the status
register. It will be reset when the ALERT output has been
serviced by the master reading the device address, provided the
error condition has gone away and the status register flag bits
have been reset.
When Flag 1 and/or Flag 0 of Status Register 1, or Flag 1 of
Status Register 2 are set, the THERM output goes low to
indicate that the temperature measurements are outside the
programmed limits. The THERM output does not need to be
reset, unlike the ALERT output. Once the measurements are
within the limits, the corresponding status register bits are reset
automatically, and the THERM output goes high. The user may
add hysteresis by programming Register 0x21. The THERM
output will be reset only when the temperature falls below the
THERM limit minus hysteresis.
When Pin 8 is configured as THERM2, only the high
temperature limits are relevant. If Flag 6 and Flag 4 of Status
Register 1, or Flag 4 of Status Register 2 are set, the THERM2
output goes low to indicate that the temperature measurements
are outside the programmed limits. Flag 5 and Flag 3 of Status
Register 1, and Flag 3 of Status Register 2 have no effect on
THERM2. The behavior of THERM2 is otherwise the same as
THERM.
Bit 0 of Status Register 2 gets set whenever the ALERT output is
asserted low. Thus, the user need only read Status Register 2 to
determine if the ADT7481 is responsible for the ALERT. This
bit gets reset when the ALERT output gets reset. If the ALERT
output is masked, then this bit is not set.
OFFSET REGISTER
Offset errors may be introduced into the remote temperature
measurement by clock noise or by the thermal diode being
located away from the hot spot. To achieve the specified
accuracy on this channel, these offsets must be removed.
The offset values are stored as 10-bit, twos complement values.
• The Remote 1 offset MSBs are stored in Register 0x11 and the
LSBs are stored in Register 0x12 (low byte, left justified).
• The Remote 2 offset MSBs are stored in Register 0x34 and the
LSBs are stored in Register 0x35 (low byte, left justified). The
Remote 2 offset can be written to, or read from, the Remote 1
offset registers if Bit 3 of the Configuration 1 register is set to
1. This bit should be set to 0 (default) to read the Remote 1
offset values.
Only the upper two bits of the LSB registers are used. The MSB
of the MSB offset register is the sign bit. The minimum offset
that can be programmed is −128°C, and the maximum is
+127.75°C. The value in the offset register is added to, or
subtracted from, the measured value of the remote temperature.
The offset register powers up with a default value of 0°C and
will have no effect unless the user writes a different value to it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com