| Electronic Components Datasheet Search |
|
ADT7481ARMZ Datasheet(PDF) 18 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADT7481ARMZ Datasheet(HTML) 18 Page - Analog Devices |
|
18 / 24 page ![]() ADT7481 Rev. 0 | Page 18 of 24 D7 D6 D5 D4 D3 D2 D1 D0 FRAME 3 DATA BYTE ACK. BY ADT7481 STOP BY MASTER ··· ··· SDA (CONTINUED) SCL (CONTINUED) FRAME 1 DATA SERIAL BUS ADDRESS BYTE ACK. BY ADT7481 SDA SCL START BY MASTER FRAME 2 ADDRESS POINTER REGISTER BYTE D7 D6 D5 D4 D3 D2 D1 D0 1 00 1 1 0 1 R/W ACK. BY ADT7481 1 1 9 9 1 9 Figure 16. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register FRAME 1 DATA SERIAL BUS ADDRESS BYTE ACK. BY ADT7481 SDA SCL START BY MASTER FRAME 2 ADDRESS POINTER REGISTER BYTE D7 D6 D5 D4 D3 D2 D1 D0 1 0 0 1 1 0 1 R/W ACK. BY ADT7481 1 1 9 9 STOP BY MASTER Figure 17. Writing to the Address Pointer Register Only FRAME 1 DATA SERIAL BUS ADDRESS BYTE ACK. BY ADT7481 SDA SCL START BY MASTER FRAME 2 ADDRESS POINTER REGISTER BYTE D7 D6 D5 D4 D3 D2 D1 D0 1 0 011 0 1 R/W ACK. BY ADT7481 1 1 9 9 STOP BY MASTER Figure 18. Reading from a Previously Selected Register When reading data from a register there are two possible scenarios: • If the address pointer register value of the ADT7481 is unknown or not the desired value, it is necessary to set it to the correct value before data can be read from the desired data register. This is done by performing a write to the ADT7481 as before, but only the data byte containing the register read address is sent, as data is not to be written to the register. This is shown in Figure 17. A read operation is then performed consisting of the serial bus address, R/W bit set to 1, followed by the data byte read from the data register (shown in Figure 18). • If the address pointer register is already at the desired address, data can be read from the corresponding data register without first writing to the address pointer register, and the bus transaction shown in Figure 17 can be omitted. NOTES It is possible to read a data byte from a data register without first writing to the address pointer register. However, if the address pointer register is already at the correct value, it is not possible to write data to a register without writing to the address pointer register. This is because the first data byte of a write is always written to the address pointer register. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |