Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADT7481ARMZ Datasheet(PDF) 22 Page - Analog Devices

Part # ADT7481ARMZ
Description  Dual Channel Temperature Sensor and Over Temperature Alarm
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7481ARMZ Datasheet(HTML) 22 Page - Analog Devices

Back Button ADT7481ARMZ Datasheet HTML 16Page - Analog Devices ADT7481ARMZ Datasheet HTML 17Page - Analog Devices ADT7481ARMZ Datasheet HTML 18Page - Analog Devices ADT7481ARMZ Datasheet HTML 19Page - Analog Devices ADT7481ARMZ Datasheet HTML 20Page - Analog Devices ADT7481ARMZ Datasheet HTML 21Page - Analog Devices ADT7481ARMZ Datasheet HTML 22Page - Analog Devices ADT7481ARMZ Datasheet HTML 23Page - Analog Devices ADT7481ARMZ Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADT7481
Rev. 0 | Page 22 of 24
APPLICATIONS INFORMATION
NOISE FILTERING
For temperature sensors operating in noisy environments, previ-
ous practice was to place a capacitor across the D+ and D− pins
to help combat the effects of noise. However, large capacitances
affect the accuracy of the temperature measurement, leading to a
recommended maximum capacitor value of 1,000 pF.
FACTORS AFFECTING DIODE ACCURACY
Remote Sensing Diode
The ADT7481 is designed to work with substrate transistors
built into processors or with discrete transistors. Substrate
transistors will generally be PNP types with the collector
connected to the substrate. Discrete types can be either a PNP
or an NPN transistor connected as a diode (base shorted to
collector). If an NPN transistor is used, the collector and base
are connected to D+ and the emitter to D−. If a PNP transistor
is used, the collector and base are connected to D− and the
emitter to D+.
To reduce the error due to variations in both substrate and
discrete transistors, a number of factors should be taken into
consideration:
• The ideality factor, n
f
, of the transistor is a measure of the de-
viation of the thermal diode from ideal behavior. The ADT7481
is trimmed for an nf value of 1.008. Use the following equation
to calculate the error introduced at a temperature, T (°C), when
using a transistor where nf does not equal 1.008. Consult the
processor data sheet for the nf values.
(
)
(
)
T
Kelvin
n
T
f
+
×
=
Δ
15
.
273
008
.
1
/
008
.
1
–
To factor this in, the user can write the ΔT value to the offset
register. It will then automatically be added to, or subtracted
from, the temperature measurement by the ADT7481.
• Some CPU manufacturers specify the high and low current
levels of the substrate transistors. The high current level of
the ADT7481, IHIGH, is 233 μA. The low level current, ILOW, is
14 μA. If the ADT7481 current levels do not match the
current levels specified by the CPU manufacturer, it may
become necessary to remove an offset. The CPU data sheet
will advise whether this offset needs to be removed and how
to calculate it. This offset may be programmed to the offset
register. It is important to note that if more than one offset
must be considered, the algebraic sum of these offsets must
be programmed to the offset register.
If a discrete transistor is being used with the ADT7481, the best
accuracy is obtained by choosing devices according to the
following criteria:
• Base-emitter voltage greater than 0.25 V at 6 μA, at the
highest operating temperature.
• Base-emitter voltage less than 0.95 V at 100 μA, at the lowest
operating temperature.
• Base resistance less than 100 Ω.
• Small variation in h
FE
(say 50 to 150) that indicates tight
control of VBE characteristics.
Transistors, such as 2N3904, 2N3906, or equivalents in SOT-23
packages, are suitable devices to use.
THERMAL INERTIA AND SELF-HEATING
Accuracy depends on the temperature of the remote sensing
diode and/or the local temperature sensor being at the same
temperature as that being measured. A number of factors can
affect this. Ideally, the sensor should be in good thermal contact
with the part of the system being measured; otherwise, the
thermal inertia caused by the sensor’s mass causes a lag in the
response of the sensor to a temperature change.
In the case of the remote sensor, this should not be a problem,
since it will either be a substrate transistor in the processor or a
small package device, such as an SOT-23, placed in close
proximity to it.
The on-chip sensor, however, will often be remote from the
processor and only monitors the general ambient temperature
around the package. In practice, the ADT7481 package will be
in electrical, and hence, thermal contact with a PCB and may
also be in a forced airflow. How accurately the temperature of
the board and/or the forced airflow reflects the temperature to
be measured will also affect the accuracy of the measurement.
Self-heating, due to the power dissipated in the ADT7481 or the
remote sensor, causes the chip temperature of the device (or
remote sensor) to rise above ambient. However, the current
forced through the remote sensor is so small that self-heating is
negligible. The worst-case condition occurs when the ADT7481
is converting at 64 conversions per second while sinking the
maximum current of 1 mA at the ALERT and THERM output.
In this case, the total power dissipation in the device is about
4.5 mW. The thermal resistance, θJA, of the MSOP-10 package is
about 142°C/W.
LAYOUT CONSIDERATIONS
Digital boards can be electrically noisy environments, and the
ADT7481 measures very small voltages from the remote sensor,
so care must be taken to minimize noise induced at the sensor
inputs. Take the following precautions:
• Place the ADT7481 as close as possible to the remote sensing
diode. Provided that the worst noise sources such as clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com