Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MF0AES2001DUD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF0AES2001DUD
Description  MIFARE Ultralight AES contactless limited-use IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF0AES2001DUD Datasheet(HTML) 2 Page - NXP Semiconductors

  MF0AES2001DUD Datasheet HTML 1Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 2Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 3Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 4Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 5Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 6Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 7Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 8Page - NXP Semiconductors MF0AES2001DUD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 72 page
background image
NXP Semiconductors
MF0AES(H)20
MIFARE Ultralight AES contactless limited-use IC
1.1 Contactless energy and data transfer
Communication to MIFARE Ultralight AES is established by connection of the IC to an antenna. The MIFARE
Ultralight AES supports either 17 pF or 50 pF resonance capacitor. The contactless interface is compliant to
ISO/IEC 14443A-2/ -3, see [1] , [2] with low power consumption enabling operating distances of up to 10 cm.
Together with the fast start-up time it allows reliable and robust detection at terminals. As soon as the MIFARE
Ultralight AES credential with applied antenna is positioned in the RF field, the RF communication interface
allows the transmission of the data with a baud rate of 106 kbit/s.
1.2 Anti-collision
An anti-collision function allows to operate more than one card in the field simultaneously. The anti-collision
algorithm selects each card individually and ensures that the execution of a transaction with a selected card is
performed correctly without interference from another card in the field.
aaa-006271
energy
data
ISO/IEC 14443 A
PCD
Figure 1. Contactless System
The anti-collision function is based on an IC individual serial number called Unique IDentifier. The MIFARE
Ultralight AES supports double size UID according to ISO/IEC 14443-3, see [2].
1.3 Simple integration and user convenience
MIFARE Ultralight AES offers specific features designed to improve integration and user convenience:
• The data access protection with AES authentication based on a key length of 128-bit
• Optional CMAC protection for message integrity
• The fast read capability allows reading the complete user memory with only one FAST_READ command,
therefore reducing the overhead in high throughput production environments
• The improved RF performance allows for more flexibility in the choice of shape, dimension and materials
• The Random ID support for enhanced user privacy compliant with latest user data protection regulations
The MIFARE Ultralight AES is designed for simple integration and advanced user convenience with superior
ticketing transactions times.
1.4 NFC Forum Tag 2 Type compliance
MIFARE Ultralight AES can be configured to comply to the NFC Forum Tag 2 Type technical specification, see
[20] and allows to enable NDEF data structure configurations as specified in [21].
MF0AES_H_20
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 3.2 — 28 March 2023
2 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com