| Electronic Components Datasheet Search |
|
MF0AES2001DUD Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF0AES2001DUD Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 72 page ![]() NXP Semiconductors MF0AES(H)20 MIFARE Ultralight AES contactless limited-use IC SELECT cascade level 2 AES_AUTH [UIDRetrKey] AES_AUTH [DataProtKey] SELECT cascade level 1 WUPA REQA WUPA READY 1 READY 2 ACTIVE AUTHENTICATED IDLE HALT POR ANTICOLLISION READ from page 0 READ from page 0 HLTA HLTA memory operations identification and selection procedure aaa-043539 *READ (16 Byte) FAST_READ WRITE, INC_CNT READ_CNT GET_VERSION READ_SIG WRITE_SIG LOCK_SIG VCSL * ANTICOLLISION * * TRACEABLE AES_AUTH [DataProtKey] AES_AUTH [UIDRetrKey] Remark: In all states, the command interpreter returns to the idle state on receipt of an unexpected command. If the IC was previously in the HALT state, it returns in that state. Remark: The VCSL command is only allowed in the ACTIVE state. Remark: In ACTIVE state, all operations are allowed which are not requiring authentication. Remark: In TRACEABLE state, once standard 7 byte UID is activated, there is not difference to ACTIVE state except that VCSL command is not supported in TRACEABLE state. Once RID is activated, then on top of all operations allowed in ACTIVE state in TRACEABLE state also all privacy sensitive operations reading UID bytes and originality signature are allowed. Remark: In AUTHENTICATED state, all operations are allowed like in ACTIVE or TRACEABLE state except VCSL command. On top in AUTHENTICATED state, the access to protected memory element is allowed and access to counter #2 is allowed if configured as authentication protected. Figure 4. State diagram 8.4.1 IDLE and HALT After Power-On-Reset (POR), MIFARE Ultralight AES switches to IDLE state. It only exits this state when a REQA or a WUPA command is received from the contactless reader. Any other data received while in this state is interpreted as an error and MIFARE Ultralight AES remains in the IDLE state. After a correctly executed HLTA MF0AES_H_20 All information provided in this document is subject to legal disclaimers. © 2023 NXP B.V. All rights reserved. Product data sheet Rev. 3.2 — 28 March 2023 13 / 72 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |