Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91302A/V301A Datasheet(PDF) 49 Page - Fuji Electric

Part # MB91302A/V301A
Description  32-Bit Proprietary Microcontroller
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB91302A/V301A Datasheet(HTML) 49 Page - Fuji Electric

Back Button MB91302A/V301A Datasheet HTML 45Page - Fuji Electric MB91302A/V301A Datasheet HTML 46Page - Fuji Electric MB91302A/V301A Datasheet HTML 47Page - Fuji Electric MB91302A/V301A Datasheet HTML 48Page - Fuji Electric MB91302A/V301A Datasheet HTML 49Page - Fuji Electric MB91302A/V301A Datasheet HTML 50Page - Fuji Electric MB91302A/V301A Datasheet HTML 51Page - Fuji Electric MB91302A/V301A Datasheet HTML 52Page - Fuji Electric MB91302A/V301A Datasheet HTML 53Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 135 page
background image
MB91301 Series
49
■ INTERRUPT VECTORS
(Continued)
Interrupt
Interrupt No.
Interrupt
level*1
Offset
TBR default
address*2
RN
10
16
Reset
0
00
⎯
3FCH
000FFFFCH
⎯
Mode vector
1
01
⎯
3F8H
000FFFF8H
⎯
System reserved
2
02
⎯
3F4H
000FFFF4H
⎯
System reserved
3
03
⎯
3F0H
000FFFF0H
⎯
System reserved
4
04
⎯
3ECH
000FFFECH
⎯
System reserved
5
05
⎯
3E8H
000FFFE8H
⎯
System reserved
6
06
⎯
3E4H
000FFFE4H
⎯
Coprocessor absent trap
7
07
⎯
3E0H
000FFFE0H
⎯
Coprocessor error trap
8
08
⎯
3DCH
000FFFDCH
⎯
INTE instruction
9
09
⎯
3D8H
000FFFD8H
⎯
Instruction break exception
10
0A
⎯
3D4H
000FFFD4H
⎯
Operand break trap
11
0B
⎯
3D0H
000FFFD0H
⎯
Step trace trap
12
0C
⎯
3CCH
000FFFCCH
⎯
NMI request (tool)
13
0D
⎯
3C8H
000FFFC8H
⎯
Undefined instruction exception
14
0E
⎯
3C4H
000FFFC4H
⎯
NMI request
15
0F
15 (FH)
fixed
3C0H
000FFFC0H
⎯
External interrupt 0
16
10
ICR00
3BCH
000FFFBCH
6
External interrupt 1
17
11
ICR01
3B8H
000FFFB8H
7
External interrupt 2
18
12
ICR02
3B4H
000FFFB4H
11
External interrupt 3
19
13
ICR03
3B0H
000FFFB0H
12
External interrupt 4
20
14
ICR04
3ACH
000FFFACH
⎯
External interrupt 5
21
15
ICR05
3A8H
000FFFA8H
⎯
External interrupt 6
22
16
ICR06
3A4H
000FFFA4H
⎯
External interrupt 7
23
17
ICR07
3A0H
000FFFA0H
⎯
Reload timer 0
24
18
ICR08
39CH
000FFF9CH
8
Reload timer 1
25
19
ICR09
398H
000FFF98H
9
Reload timer 2
26
1A
ICR10
394H
000FFF94H
10
UART0 (RX completed)
27
1B
ICR11
390H
000FFF90H
0
UART1 (RX completed)
28
1C
ICR12
38CH
000FFF8CH
1
UART2 (RX completed)
29
1D
ICR13
388H
000FFF88H
2
UART0 (TX completed)
30
1E
ICR14
384H
000FFF84H
3
UART1 (TX completed)
31
1F
ICR15
380H
000FFF80H
4
UART2 (TX completed)
32
20
ICR16
37CH
000FFF7CH
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com