Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB91302A/V301A Datasheet(PDF) 71 Page - Fuji Electric

Part # MB91302A/V301A
Description  32-Bit Proprietary Microcontroller
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MB91302A/V301A Datasheet(HTML) 71 Page - Fuji Electric

Back Button MB91302A/V301A Datasheet HTML 67Page - Fuji Electric MB91302A/V301A Datasheet HTML 68Page - Fuji Electric MB91302A/V301A Datasheet HTML 69Page - Fuji Electric MB91302A/V301A Datasheet HTML 70Page - Fuji Electric MB91302A/V301A Datasheet HTML 71Page - Fuji Electric MB91302A/V301A Datasheet HTML 72Page - Fuji Electric MB91302A/V301A Datasheet HTML 73Page - Fuji Electric MB91302A/V301A Datasheet HTML 74Page - Fuji Electric MB91302A/V301A Datasheet HTML 75Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 135 page
background image
MB91301 Series
71
6.
PPG Timer
The PPG timer can output highly precise PWM waveforms efficiently.
The MB91301 series contains four channels of PPG timer.
• Features of the PPG Timer
• Each channel consists of a 16-bit down counter, a 16-bit data register with cycle setting buffer, a 16-bit compare
register with duty setting buffer, and pin control section.
• The count clocks for the 16-bit down counter can be selected from the following four types :
Internal clock
φ, φ/4, φ/16, φ/64
• The counter is initialized to “FFFFH” at a reset or counter borrow.
• Each channel has a PPG output.
• Register outline
Cycle setting register: Reload data register with buffer
Duty setting register: Compare register with buffer
Transfer from the buffer takes place upon a counter borrow.
• Pin control overview
A duty match sets the pin control section to 1. (Preferential)
A counter borrow resets it to 0.
The output value fix mode is available, which can each output all "L" (or "H").
A polarity can also be specified.
• An interrupt request can be generated at a combination of the following events :
Activation of the PPG timer
Counter borrow (cycle match)
Duty match
Counter borrow (cycle match) or duty match
DMA transfer can be initiated by the above interrupt request.
• It is possible to set the simultaneous activation of two or more channels by means of software or another
interval timer.
Restarting during operation can also be set.
• The request level to be detected can be selected from among "rising edge", "falling edge", and "both edges".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com