Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S73034AMILF Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 8S73034AMILF
Description  Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8S73034AMILF Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 8S73034AMILF Datasheet HTML 9Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 10Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 11Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 12Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 13Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 14Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 15Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 16Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ICS8S73034I Data Sheet
LOW SKEW , ÷2, ÷4, ÷8 DIFFERENTIAL-TO-LVPECL CLOCK DIVIDER
ICS8S73034AMI REVISION A JUNE 8, 2011
13
©2011 Integrated Device Technology, Inc.
Application Schematic Example
Figure 6 shows an example of ICS8S73034I application schematic.
In this example, the device is operated at V
CC= 3.3V. The decoupling
capacitor should be located as close as possible to the power pin.
The input is driven by a 3.3V LVPECL driver. For the LVPECL output
drivers, only two terminations examples are shown in this schematic.
More termination approaches are shown in the LVPECL Termination
Application Note.
Figure 6. ICS8S73034I Application Schematic Example
R8
50
Zo = 50 Ohm
(U1-3)
R9
50
R2
82.5
3.3V
Zo = 50 Ohm
R10
50
R5
50
LVPECL
R6
50
C1
0.1uF
Zo = 50 Ohm
Zo = 50 Ohm
Optional
Y-Termination
U1
ICS873034
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Q0
nQ0
VCC
Q1
nQ1
VCC
Q2
nQ2
VEE
MR
VBB
nCLK
CLK
nc
nEN
VCC
R1
133
C2
0.1uF
+
-
3.3V
R4
82.5
(U1-16)
Zo = 50 Ohm
R7
50
R3
133
C3
0.1uF
Zo = 50 Ohm
+
-
3.3V
(U1-6)
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com