Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S73034AMILF Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # 8S73034AMILF
Description  Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8S73034AMILF Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button 8S73034AMILF Datasheet HTML 10Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 11Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 12Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 13Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 14Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 15Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 16Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 17Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
ICS8S73034I Data Sheet
LOW SKEW , ÷2, ÷4, ÷8 DIFFERENTIAL-TO-LVPECL CLOCK DIVIDER
ICS8S73034AMI REVISION A JUNE 8, 2011
14
©2011 Integrated Device Technology, Inc.
Power Considerations
This section provides information on power dissipation and junction temperature for the ICS8S73034I.
Equations and example calculations are also provided.
1.
Power Dissipation.
The total power dissipation for the ICS8S73034I is the sum of the core power plus the power dissipated in the load(s).
The following is the power dissipation for VCC = 3.8V, which gives worst case results.
NOTE: Please refer to Section 3 for details on calculating power dissipated in the load.
•
Power (core)MAX = VCC_MAX * IEE_MAX = 3.8V * 45mA = 171mW
•
Power (outputs)MAX = 30.3mW/Loaded Output pair
If all outputs are loaded, the total power is 3 * 30.3mW = 90.9mW
Total Power_MAX (3.8V, with all outputs switching) = 171mW + 90.9mW = 261.9mW
2. Junction Temperature.
Junction temperature, Tj, is the temperature at the junction of the bond wire and bond pad directly affects the reliability of the device. The
maximum recommended junction temperature is 125°C. Limiting the internal transistor junction temperature, Tj, to 125°C ensures that the bond
wire and bond pad temperature remains below 125°C.
The equation for Tj is as follows: Tj =
θ
JA * Pd_total + TA
Tj = Junction Temperature
θ
JA = Junction-to-Ambient Thermal Resistance
Pd_total = Total Device Power Dissipation (example calculation is in section 1 above)
TA = Ambient Temperature
In order to calculate junction temperature, the appropriate junction-to-ambient thermal resistance
θ
JA must be used. Assuming no air flow and
a multi-layer board, the appropriate value is 100°C/W per Table 6B below.
Therefore, Tj for an ambient temperature of 85°C with all outputs switching is:
85°C + 0.262W * 100°C/W = 111.2°C. This is below the limit of 125°C.
This calculation is only an example. Tj will obviously vary depending on the number of loaded outputs, supply voltage, air flow and the type of
board (multi-layer).
Table 6A. Thermal Resistance θJA for 16 Lead SOIC Forced Convection
Table 6B. Thermal Resistance θJA for 16 Lead TSSOP Forced Convection
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
70.2°C/W
64.7°C/W
61.6°C/W
θ
JA by Velocity
Meters per Second
01
2.5
Multi-Layer PCB, JEDEC Standard Test Boards
100.0°C/W
94.2°C/W
90.2°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com