Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

8S73034AMILF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 8S73034AMILF
Description  Low Skew, ÷2, ÷4, ÷8 Differential-to-LVPECL Clock Divider
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

8S73034AMILF Datasheet(HTML) 2 Page - Renesas Technology Corp

  8S73034AMILF Datasheet HTML 1Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 2Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 3Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 4Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 5Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 6Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 7Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 8Page - Renesas Technology Corp 8S73034AMILF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
ICS8S73034I Data Sheet
LOW SKEW , ÷2, ÷4, ÷8 DIFFERENTIAL-TO-LVPECL CLOCK DIVIDER
ICS8S73034AMI REVISION A JUNE 8, 2011
2
©2011 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Table
Table 3. Truth Table
↑ = Rising edge transition
↓ = Falling edge transition
X = Don’t care
Number
Name
Type
Description
1, 2
Q0, nQ0
Output
Differential output pair. LVPECL interface levels.
3, 6, 16
VCC
Power
Power supply pins.
4, 5
Q1, nQ1
Output
Differential output pair. LVPECL interface levels.
7, 8
Q2, nQ2
Output
Differential output pair. LVPECL interface levels.
9VEE
Power
Negative supply pin.
10
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs Qx to go low and the inverted outputs nQx to go high.
When logic LOW, the internal dividers and the outputs are enabled.
LVCMOS/LVTTL interface levels.
11
VBB
Output
Bias voltage.
12
nPCLK
Input
Pullup/
Pulldown
Inverting differential clock input. Defaults to 2/3 * VCC when left open.
LVPECL interface levels.
13
PCLK
Input
Pulldown
Non-inverting differential clock input. LVPECL interface levels.
14
nc
Unused
No connect.
15
nEN
Input
Pulldown
Synchronous clock enable. When logic LOW, the clock is enabled and
frequency-divided. When logic HIGH, the clock is disabled and the outputs remain
stopped in the same logic state (hold). LVTTL / LVCMOS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
RPULLDOWN
Input Pulldown Resistor
75
k
Ω
RPULLUP
Input Pullup Resistor
37.5
k
Ω
Inputs
Function
PCLK
nEN
MR
↓
L
L
Divide
↑
H
L
Hold Q[0:2]
X
X
H
Reset Q[0:2]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com