Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9EPRS525 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ICS9EPRS525
Description  56-pin CK505 for Embedded Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9EPRS525 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ICS9EPRS525 Datasheet HTML 1Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 2Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 3Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 4Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 5Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 6Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 7Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 8Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
IDTTM
56-pin CK505 for Embedded Intel Systems
1614B—01/21/10
ICS9EPRS525
4
56-pin CK505 for Embedded Systems
ICS9EPRS525 is compliant Intel CK505 Yellow Cover specification. This clock synthesizer provides a single chip solution for Intel
desktop chipsets. ICS9EPRS525 is driven with a 14.318MHz crystal. It also provides a tight ppm accuracy output for Serial ATA and
PCI-Express support.
General Description
Block Diagram
Power Groups
REF
CPU(1:0)
CPU PLL1
SS
OSC
REF
SRC(7:3)
PLL2
Non-SS
PLL3
SS
7
SRC8/ITP
PCI(5:0)
SRC2/SATA
SRC1/SE(2:1)
SE Outputs
SATA
DOT96MHz
PCI33MHz
SRC
SRC
SRC_MAIN
PCI33MHz
Differential Output
SRC0/DOT96
48MHz
48MHz
CPU
FSLA
CKPWRGD/PD#
PCI_STOP#
CPU_STOP#
CR#_(A:F)
SRC5_EN
ITP_EN
FSLC/TESTSEL
FSLB/TESTMODE
Control
Logic
X1
X2
VDD
GND
41, 47
44
16
15
12
11
911
53
50
28
Pin Number
Description
Master Clock, Analog
CPUCLK
26, 31, 37
23, 34
SRCCLK
20
19
USB 48
Xtal, REF
PCICLK
PLL3/SE
DOT 96Mhz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com