Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS9EPRS525 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICS9EPRS525
Description  56-pin CK505 for Embedded Intel Systems
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS9EPRS525 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICS9EPRS525 Datasheet HTML 6Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 7Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 8Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 9Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 10Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 11Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 12Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 13Page - Renesas Technology Corp ICS9EPRS525 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IDTTM
56-pin CK505 for Embedded Intel Systems
1614B—01/21/10
ICS9EPRS525
10
56-pin CK505 for Embedded Systems
FSLC
2
B0b7
FSLB
1
B0b6
FSLA
1
B0b5
CPU
MHz
SRC
MHz
PCI
MHz
REF
MHz
USB
MHz
DOT
MHz
0
0
0
266.66
0
0
1
133.33
0
1
0
200.00
0
1
1
166.66
1
0
0
333.33
1
0
1
100.00
1
1
0
400.00
111
1. FS
LA and FSLB are low-threshold inputs.Please see VIL_FS and VIH_FS specifications in
the Input/Supply/Common Output Parameters Table for correct values.
Also refer to the Test Clarification Table.
2. FS
LC is a three-level input. Please see the VIL_FS and VIH_FS
specifications in the Input/Supply/Common Output Parameters Table for correct values.
Table 1: CPU Frequency Select Table
Reserved
100.00
33.33 14.318 48.00 96.00
Pin 17 Pin 18
Spread
MHz
MHz
%
00
0
0
0
0
0
1
100.00 100.00 0.5% Down Spread
SRC clocks from SRC_MAIN
0
0
1
0
100.00 100.00 0.5% Down Spread
Only SRCCLK1 from PLL3
0
0
1
1
100.00 100.00
1% Down Spread
Only SRCCLK1 from PLL3
0
1
0
0
100.00 100.00 1.5% Down Spread
Only SRCCLK1 from PLL3
0
1
0
1
100.00 100.00
2% Down Spread
Only SRCCLK1 from PLL3
0
1
1
0
100.00 100.00 2.5% Down Spread
Only SRCCLK1 from PLL3
01
1
1
N/A
N/A
N/A
N/A
1
0
0
0
24.576 24.576
None
24.576Mhz on SE1 and SE2
1
0
0
1
24.576 98.304
None
24.576Mhz on SE1, 98.304Mhz on SE2
1
0
1
0
98.304 98.304
None
98.304Mhz on SE1 and SE2
1
0
1
1
27.000 27.000
None
27Mhz on SE1 and SE2
1
1
0
0
25.000 25.000
None
25Mhz on SE1 and SE2
11
0
1
N/A
N/A
N/A
N/A
11
1
0
N/A
N/A
N/A
N/A
11
1
1
N/A
N/A
N/A
N/A
B1b1
B1b4 B1b3 B1b2
Table 2: PLL3 Quick Configuration (only applies in Mode 0, see Table 6)
Comment
PLL 3 disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com