Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3080EEN/TR Datasheet(PDF) 14 Page - Sipex Corporation

Part # SP3080EEN/TR
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EEN/TR Datasheet(HTML) 14 Page - Sipex Corporation

Back Button SP3080EEN/TR Datasheet HTML 10Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 11Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 12Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 14Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 15Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 16Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 17Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 18Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
Rev N 9/15/2006
SP3080E Advanced RS485 Transceivers
© Copyright 2006 Sipex Corporation
14
0 OR VCC DI D
GENERATOR
Y
Z
50Ω
CL=50pF
S1
VCC
OUT
RL=500Ω
0
VCC
VCC/2
tLZ
tZL, tZL(SHDN)
0.25V
VOM = (VOL+ VCC)/2
VOL
VCC OUT
DE
VID
RE
A
B
R
OUT
CL
15pF
A
B
OUT
tPHL
1.5V
tPLH
+1V
-1V
VOH
VOL
DESCRIPTION
Figure 5. Driver Enable and Disable Times Test Circuit and Timing Diagram
Figure 6. Receiver Propagation Delay Test Circuit and Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com