Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3080EEN/TR Datasheet(PDF) 16 Page - Sipex Corporation

Part # SP3080EEN/TR
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EEN/TR Datasheet(HTML) 16 Page - Sipex Corporation

Back Button SP3080EEN/TR Datasheet HTML 12Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 14Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 15Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 16Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 17Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 18Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 19Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 20Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Rev N 9/15/2006
SP3080E Advanced RS485 Transceivers
© Copyright 2006 Sipex Corporation
16
FUNCTION TABLES
Receiving
Inputs
Output
RE
DE
VA- VB
RO
0
X
≥ -40mV
1
0
X
≤-200mV
0
0
X
Open/shorted
1
1
1
X
High-Z
1
0
X
Shutdown
Transmitting
Inputs
Outputs
RE
DE
DI
Y
Z
X
1
1
1
0
X
1
0
0
1
0
0
X
High-Z
1
0
X
Shutdown
SP3080E (Full Duplex)
Note: Receiver inputs -200mV < VA - VB < -40mV, should be considered indeterminate
PRODUCT SELECTOR GUIDE
Part
Number
Duplex
Data Rate
(Mbps)
Shut-down
Receiver &
Driver Enable
Trans on Bus Foot-print
pin-compatible
upgrade from:
SP3080E
Full
0.115
Yes
Yes
256
SN75180
MAX3080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com