Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP3080EEN/TR Datasheet(PDF) 17 Page - Sipex Corporation

Part # SP3080EEN/TR
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EEN/TR Datasheet(HTML) 17 Page - Sipex Corporation

Back Button SP3080EEN/TR Datasheet HTML 13Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 14Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 15Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 16Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 17Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 18Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 19Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 20Page - Sipex Corporation SP3080EEN/TR Datasheet HTML 21Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
Rev N 9/15/2006
SP3080E Advanced RS485 Transceiver
© Copyright 2006 Sipex Corporation
DESCRIPTION
DETAILED DESCRIPTION
SP3080E is an advanced RS-485/RS-422 trans-
ceiver. It contains one driver and one receiver.
The device features fail-safe circuitry that guar-
antees a logic-high receiver output when the re-
ceiver inputs are open or shorted, or when they
are connected to a terminated transmission line
with all drivers disabled. SP3080E also feature
a hot-swap capability allowing live insertion
without error data transfer.
The SP3080E features reduced slew-rate driv-
ers that minimize EMI and reduce reflections
caused by improperly terminated cables, allow-
ing error-free data transmission up to 115kbps.
The SP3080E is a full duplex transceiver.
The device operates from a single 5.0V sup-
ply. Driver is output short-circuit current lim-
ited. Thermal-shutdown circuitry protects driver
against excessive power dissipation. When ac-
tivated, the thermal-shutdown circuitry places
the driver outputs into a high-impedance state.
RECEIVER INPUT FILTERING
SP3080E receiver incorporates input filtering
in addition to input hysteresis. This filtering en-
hances noise immunity with differential signals
that have very slow rise and fall times. Receiver
propagation delay increases due to this filter-
ing.
ADVANCED FAIL SAFE
Ordinary RS485 differential receivers will be in
an indeterminate state whenever A - B is less
than ±200mV. This situation can occur when-
ever the data bus is not being actively driven.
The Advanced Failsafe feature of the SP3080E
guarantees a logic-high receiver output if the
receiver’s differential inputs are shorted, open-
circuit, or if they are shunted by a termination
resistor.
The receiver thresholds of the SP3080E is very
precise and offset by at least a 40mV noise
margin from ground. This results in a logic-high
receiver output at zero volts input differential
while maintaining compliance with the EIA/TIA-
485 standard of ±200mV.
HOT-SWAP CAPABILITY
When a micro-processor or other logic device
undergoes its power-up sequence its logic-
outputs are typically at high impedance. In this
state they are unable to drive the DE and RE sig-
nals to a defined logic level. During this period,
noise, parasitic coupling or leakage from other
devices could cause standard CMOS enable in-
puts to drift to an incorrect logic level.
If circuit boards are inserted into an energized
backplane (commonly called “live insertion” or
“hot-swap”) power may be suddenly applied to
all circuits. Without the hot-swap capability, this
situation could improperly enable the transceiv-
er’s driver or receiver, driving invalid data onto
shared busses and possibly causing driver con-
tention or device damage.
The SP3080E contains a special poweron-
reset circuit that holds DE low and RE high for
approximately 10 microseconds. After this ini-
tial power-up sequence the hot-swap circuit
becomes transparent, allowing for normal, un-
skewed enable and disable timings.
±15KV ESD PROTECTION
ESD-protection structures are incorporated on
all pins to protect against electrostatic discharg-
es encountered during handling and assembly.
The driver output and receiver inputs of the
SP3080E have extra protection against static
electricity. Sipex uses state of the art structures
to protect these pins against ESD of ±15kV
without damage. The ESD structures withstand
high ESD in all states: normal operation, shut-
down, and powered down. After an ESD event,
the SP3080E keeps working without latch-up or
damage.
ESD protection can be tested in various ways.
The transmitter outputs and receiver inputs of
the SP3080E is characterized for protection to
the following limits:
±15kV using the Human Body Model
±8kV using the Contact Discharge
method specified in IEC 1000-4-2
±15kV Air-gap



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com