Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG197/X Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BFG197/X
Description  NPN 7 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG197/X Datasheet(HTML) 4 Page - NXP Semiconductors

  BFG197/X Datasheet HTML 1Page - NXP Semiconductors BFG197/X Datasheet HTML 2Page - NXP Semiconductors BFG197/X Datasheet HTML 3Page - NXP Semiconductors BFG197/X Datasheet HTML 4Page - NXP Semiconductors BFG197/X Datasheet HTML 5Page - NXP Semiconductors BFG197/X Datasheet HTML 6Page - NXP Semiconductors BFG197/X Datasheet HTML 7Page - NXP Semiconductors BFG197/X Datasheet HTML 8Page - NXP Semiconductors BFG197/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
1995 Sep 13
4
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG197; BFG197/X;
BFG197/XR
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
800
600
200
0
400
MBC983 - 2
150
P
tot
(mW)
T
s
(o C)
Fig.4
DC current gain as a function of collector
current.
VCE =5V.
handbook, halfpage
0
160
120
80
40
40
120
MBB267
80
I
(mA)
C
h FE
Fig.5
Feedback capacitance as a function of
collector-base voltage.
IC =ic = 0; f = 1 MHz.
handbook, halfpage
0
1.2
0.8
0.4
0
210
MCD155
46
8
C re
(pF)
V
(V)
CB
Fig.6
Transition frequency as a function of
collector current.
VCE = 4 V; Tamb =25 °C; f = 2 GHz.
handbook, halfpage
020
40
80
8
6
2
0
4
MCD156
60
I
(mA)
C
f T
(GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com