Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG197/X Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BFG197/X
Description  NPN 7 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG197/X Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BFG197/X Datasheet HTML 3Page - NXP Semiconductors BFG197/X Datasheet HTML 4Page - NXP Semiconductors BFG197/X Datasheet HTML 5Page - NXP Semiconductors BFG197/X Datasheet HTML 6Page - NXP Semiconductors BFG197/X Datasheet HTML 7Page - NXP Semiconductors BFG197/X Datasheet HTML 8Page - NXP Semiconductors BFG197/X Datasheet HTML 9Page - NXP Semiconductors BFG197/X Datasheet HTML 10Page - NXP Semiconductors BFG197/X Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1995 Sep 13
7
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG197; BFG197/X;
BFG197/XR
Zo =50 Ω.
Maximum stable gain = 23 dB.
Fig.15 Noise circle figure.
handbook, full pagewidth
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
+
j
–
j
stability
circle
0
0.2
MSG
23 dB
*
MCD163
F
= 1.7 dB
min
OPT
2 dB
4 dB
0.5
0.2
10
5
2
1
3 dB
Zo =50 Ω.
Fig.16 Noise circle figure.
handbook, full pagewidth
0.2
0.5
1
2
5
10
∞
0.2
0.5
1
2
5
10
0
+ j
– j
*
Gmax
15.8 dB
*
MCD164
10
5
2
1
0.2
0.5
OPT
3 dB
F
= 2.4 dB
min
4 dB
15 dB
14 dB
5 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com