Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG425W Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG425W
Description  NPN 25 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG425W Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG425W Datasheet HTML 1Page - NXP Semiconductors BFG425W Datasheet HTML 2Page - NXP Semiconductors BFG425W Datasheet HTML 3Page - NXP Semiconductors BFG425W Datasheet HTML 4Page - NXP Semiconductors BFG425W Datasheet HTML 5Page - NXP Semiconductors BFG425W Datasheet HTML 6Page - NXP Semiconductors BFG425W Datasheet HTML 7Page - NXP Semiconductors BFG425W Datasheet HTML 8Page - NXP Semiconductors BFG425W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
1998 Mar 11
5
Philips Semiconductors
Product specification
NPN 25 GHz wideband transistor
BFG425W
Fig.3
DC current gain as a function of collector
current; typical values.
(1) VCE =3V.
(2) VCE =2V.
(3) VCE =1V.
handbook, halfpage
010
20
40
30
MGG682
120
0
40
80
IC (mA)
hFE
(3)
(2)
(1)
IC = 0; f = 1 MHz.
Fig.4
Feedback capacitance as a function of
collector-base voltage; typical values.
handbook, halfpage
01
5
200
120
40
0
80
160
23
4
MGG683
VCB (V)
Cre
(fF)
Fig.5
Transition frequency as a function of
collector current; typical values.
VCE = 2 V; f = 2 GHz; Tamb =25 °C.
handbook, halfpage
25
0
5
10
15
20
MGG684
110
102
fT
(GHz)
IC (mA)
VCE = 2 V; f = 900 MHz.
Fig.6
Maximum stable gain as a function of
collector current; typical values.
handbook, halfpage
010
20
40
30
MGG685
30
0
10
20
IC (mA)
MSG
(dB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com