Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG425W Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BFG425W
Description  NPN 25 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG425W Datasheet(HTML) 1 Page - NXP Semiconductors

  BFG425W Datasheet HTML 1Page - NXP Semiconductors BFG425W Datasheet HTML 2Page - NXP Semiconductors BFG425W Datasheet HTML 3Page - NXP Semiconductors BFG425W Datasheet HTML 4Page - NXP Semiconductors BFG425W Datasheet HTML 5Page - NXP Semiconductors BFG425W Datasheet HTML 6Page - NXP Semiconductors BFG425W Datasheet HTML 7Page - NXP Semiconductors BFG425W Datasheet HTML 8Page - NXP Semiconductors BFG425W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Product specification
Supersedes data of 1997 Oct 28
File under Discrete Semiconductors, SC14
1998 Mar 11
DISCRETE SEMICONDUCTORS
BFG425W
NPN 25 GHz wideband transistor


Similar Part No. - BFG425W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG425W NXP-BFG425W Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
logo
Guangdong Kexin Industr...
BFG425W KEXIN-BFG425W Datasheet
1Mb / 7P
NPN Transistors
logo
Inchange Semiconductor ...
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
logo
SHIKUES Electronics
BFG425W SKTECHNOLGY-BFG425W Datasheet
663Kb / 4P
Microwave, low noise, SiGe NPN HBT
logo
AiT Semiconductor Inc.
BFG425W AITSEMI-BFG425W Datasheet
664Kb / 6P
GENERAL PURPOSE TRANSISTOR RF NPN TRANSISTOR MICROWAVE LOW NOISE
REV1.0
More results

Similar Description - BFG425W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG91 PHILIPS-BFG91 Datasheet
544Kb / 10P
NPN 6 GHZ WIDEBAND TRANSISTOR
November 1992
BFG65 PHILIPS-BFG65 Datasheet
476Kb / 9P
NPN 8 GHz wideband transistor
November 1992
BFG424F PHILIPS-BFG424F Datasheet
99Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
BFG424W PHILIPS-BFG424W Datasheet
101Kb / 13P
NPN 25 GHz wideband transistor
Rev. 01-21 March 2006
logo
Quanzhou Jinmei Electro...
BFG424F_2015 JMNIC-BFG424F_2015 Datasheet
106Kb / 13P
NPN 25 GHz wideband transistor
BFG424W_2015 JMNIC-BFG424W_2015 Datasheet
108Kb / 13P
NPN 25 GHz wideband transistor
BFG425W_2015 JMNIC-BFG425W_2015 Datasheet
96Kb / 12P
NPN 25 GHz wideband transistor
BFG424F JMNIC-BFG424F_15 Datasheet
106Kb / 13P
NPN 25 GHz wideband transistor
BFG424W JMNIC-BFG424W_15 Datasheet
108Kb / 13P
NPN 25 GHz wideband transistor
BFG425W JMNIC-BFG425W_15 Datasheet
96Kb / 12P
NPN 25 GHz wideband transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com