Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BFG425W Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG425W
Description  NPN 25 GHz wideband transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG425W Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG425W Datasheet HTML 1Page - NXP Semiconductors BFG425W Datasheet HTML 2Page - NXP Semiconductors BFG425W Datasheet HTML 3Page - NXP Semiconductors BFG425W Datasheet HTML 4Page - NXP Semiconductors BFG425W Datasheet HTML 5Page - NXP Semiconductors BFG425W Datasheet HTML 6Page - NXP Semiconductors BFG425W Datasheet HTML 7Page - NXP Semiconductors BFG425W Datasheet HTML 8Page - NXP Semiconductors BFG425W Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1998 Mar 11
3
Philips Semiconductors
Product specification
NPN 25 GHz wideband transistor
BFG425W
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the emitter pins.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
10
V
VCEO
collector-emitter voltage
open base
4.5
V
VEBO
emitter-base voltage
open collector
1V
IC
collector current (DC)
30
mA
Ptot
total power dissipation
Ts ≤ 103 °C; note 1; see Fig.2
135
mW
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
150
°C
Fig.2 Power derating curve.
handbook, halfpage
0
40
160
200
150
50
0
100
80
120
MGG681
Ts (°C)
Ptot
(mW)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
350
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com