Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBAS Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # CYT4DNJBAS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBAS Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button CYT4DNJBAS Datasheet HTML 41Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 42Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 43Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 44Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 45Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 46Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 47Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 48Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 209 page
background image
Datasheet
45
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Alternate function pin assignments
13.1
Pin function description
Table 13-2
Pin function description
Sl. No.
Pin
Module
Description
1PWMx_y
TCPWM
TCPWM 16-bit PWM (no motor control), PWM_DT and PWM_PR line out, x-TCPWM block,
y-counter number
2PWMx_y_N
TCPWM
TCPWM 16-bit PWM (no motor control), PWM_DT and PWM_PR complementary line out (N),
x-TCPWM block, y-counter number
3PWMx_M_y[39]
TCPWM
TCPWM 16-bit PWM with motor control line out, x-TCPWM block, y-counter number
4PWMx_M_y_N[39]
TCPWM
TCPWM 16-bit PWM with motor control complementary line out (N), x-TCPWM block,
y-counter number
5PWMx_H_y
TCPWM
TCPWM 32-bit PWM, PWM_DT and PWM_PR line out, x-TCPWM block, y-counter number
6PWMx_H_y_N
TCPWM
TCPWM 32-bit PWM, PWM_DT and PWM_PR complementary line out (N), x-TCPWM block,
y-counter number
7
TCx_y_TRz
TCPWM
TCPWM 16-bit dedicated counter input triggers, x-TCPWM block, y-counter number, z-trigger
number
8
TCx_H_y_TRz
TCPWM
TCPWM 32-bit dedicated counter input triggers, x-TCPWM block, y-counter number, z-trigger
number
9SCBx_RX
SCB
UART Receive, x-SCB block
10
SCBx_TX
SCB
UART Transmit, x-SCB block
11
SCBx_RTS
SCB
UART Request to Send (Handshake), x-SCB block
12
SCBx_CTS
SCB
UART Clear to Send (Handshake), x-SCB block
13
SCBx_SDA
SCB
I2C Data line, x-SCB block
14
SCBx_SCL
SCB
I2C Clock line, x-SCB block
15
SCBx_MISO
SCB
SPI Master Input Slave Output, x-SCB block
16
SCBx_MOSI
SCB
SPI Master Output Slave Input, x-SCB block
17
SCBx_CLK
SCB
SPI Serial Clock, x-SCB block
18
SCBx_SELy
SCB
SPI Slave Select, x-SCB block, y-select line
19
LINx_RX
LIN
LIN Receive line, x-LIN block
20
LINx_TX
LIN
LIN Transmit line, x-LIN block
21
LINx_EN
LIN
LIN Enable line, x-LIN block
22
CXPIx_RX
CXPI
CXPI Receive line, x-CXPI block
23
CXPIx_TX
CXPI
CXPI Transmit line, x-CXPI block
24
CXPIx_EN
CXPI
CXPI Enable line, x-CXPI block
25
CANx_y_TX
CANFD
CAN Transmit line, x-CAN block, y-channel number
26
CANx_y_RX
CANFD
CAN Receive line, x-CAN block, y-channel number
27
SPIHB[x]_CLK[y]/CLK_INV[y]
SMIF
SMIF interface clock/inverted clock, x-SMIF block number, y-device number
28
SPIHB[x]_RWDS[y]
SMIF
SMIF (SPI/xSPI) read-write-data-strobe line, x-SMIF block number, y-device number
29
SPIHB[x]_SELECTy[z]
SMIF
SMIF (SPI/xSPI) memory select line, x-SMIF block number, y-select line number, z-device
number
30
SPIHB[x]_DATAy[z]
SMIF
SMIF (SPI/xSPI) memory data read and write line, x-SMIF block number, y-0 to 7 data lines,
z-device number
31
ETHx_RX_ER
Ethernet
Ethernet receive error indication line, x-ETH module number
32
ETHx_ETH_TSU_TIMER_C-
MP_VAL
Ethernet
Ethernet time stamp unit timer compare indication line, x-ETH module number
33
ETHx_MDIO
Ethernet
Ethernet management data input/output (MDIO) interface to PHY, x-ETH module number
34
ETHx_MDC
Ethernet
Ethernet management data clock (MDC) line, x-ETH module number
35
ETHx_REF_CLK
Ethernet
Ethernet reference clock line, x-ETH module number
36
ETHx_TX_CTL
Ethernet
Ethernet transmit control line, x-ETH module number
37
ETHx_TX_ER
Ethernet
Ethernet transmit error indication line, x-ETH module number
38
ETHx_TX_CLK
Ethernet
Ethernet transmit clock line, x-ETH module number
Note
39.This pin/line is intended for a direct connection to the coil of stepper motor for pointer instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com