Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBAS Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # CYT4DNJBAS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBAS Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button CYT4DNJBAS Datasheet HTML 74Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 75Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 76Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 77Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 78Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 79Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 80Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 81Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 209 page
background image
Datasheet
78
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Peripheral protection unit fixed structure pairs
83
MCWDT0_CONFIG
0x40268000
0x00000080 MCWDT #0 configuration
84
MCWDT1_CONFIG
0x40268100
0x00000080 MCWDT #1 configuration
85
MCWDT2_CONFIG
0x40268200
0x00000080 MCWDT #2 configuration
86
MCWDT0_MAIN
0x40268080
0x00000040 MCWDT #0 main
87
MCWDT1_MAIN
0x40268180
0x00000040 MCWDT #1 main
88
MCWDT2_MAIN
0x40268280
0x00000040 MCWDT #2 main
89
WDT_CONFIG
0x4026C000
0x00000020 System WDT configuration
90
WDT_MAIN
0x4026C040
0x00000020 System WDT main
91
BACKUP_BACKUP
0x40270000
0x00010000 SRSS backup
92
DW0_DW
0x40280000
0x00000100 P-DMA#0 main
93
DW1_DW
0x40290000
0x00000100 P-DMA#1 main
94
DW0_DW_CRC
0x40280100
0x00000080 P-DMA#0 CRC
95
DW1_DW_CRC
0x40290100
0x00000080 P-DMA#1 CRC
96
DW0_CH_STRUCT0_CH
0x40288000
0x00000040 P-DMA#0 Channel #0
97
DW0_CH_STRUCT1_CH
0x40288040
0x00000040 P-DMA#0 Channel #1
98
DW0_CH_STRUCT2_CH
0x40288080
0x00000040 P-DMA#0 Channel #2
99
DW0_CH_STRUCT3_CH
0x402880C0
0x00000040 P-DMA#0 Channel #3
100
DW0_CH_STRUCT4_CH
0x40288100
0x00000040 P-DMA#0 Channel #4
101
DW0_CH_STRUCT5_CH
0x40288140
0x00000040 P-DMA#0 Channel #5
102
DW0_CH_STRUCT6_CH
0x40288180
0x00000040 P-DMA#0 Channel #6
103
DW0_CH_STRUCT7_CH
0x402881C0
0x00000040 P-DMA#0 Channel #7
104
DW0_CH_STRUCT8_CH
0x40288200
0x00000040 P-DMA#0 Channel #8
105
DW0_CH_STRUCT9_CH
0x40288240
0x00000040 P-DMA#0 Channel #9
106
DW0_CH_STRUCT10_CH
0x40288280
0x00000040 P-DMA#0 Channel #10
107
DW0_CH_STRUCT11_CH
0x402882C0
0x00000040 P-DMA#0 Channel #11
108
DW0_CH_STRUCT12_CH
0x40288300
0x00000040 P-DMA#0 Channel #12
109
DW0_CH_STRUCT13_CH
0x40288340
0x00000040 P-DMA#0 Channel #13
110
DW0_CH_STRUCT14_CH
0x40288380
0x00000040 P-DMA#0 Channel #14
111
DW0_CH_STRUCT15_CH
0x402883C0
0x00000040 P-DMA#0 Channel #15
112
DW0_CH_STRUCT16_CH
0x40288400
0x00000040 P-DMA#0 Channel #16
113
DW0_CH_STRUCT17_CH
0x40288440
0x00000040 P-DMA#0 Channel #17
114
DW0_CH_STRUCT18_CH
0x40288480
0x00000040 P-DMA#0 Channel #18
115
DW0_CH_STRUCT19_CH
0x402884C0
0x00000040 P-DMA#0 Channel #19
116
DW0_CH_STRUCT20_CH
0x40288500
0x00000040 P-DMA#0 Channel #20
117
DW0_CH_STRUCT21_CH
0x40288540
0x00000040 P-DMA#0 Channel #21
118
DW0_CH_STRUCT22_CH
0x40288580
0x00000040 P-DMA#0 Channel #22
119
DW0_CH_STRUCT23_CH
0x402885C0
0x00000040 P-DMA#0 Channel #23
120
DW0_CH_STRUCT24_CH
0x40288600
0x00000040 P-DMA#0 Channel #24
121
DW0_CH_STRUCT25_CH
0x40288640
0x00000040 P-DMA#0 Channel #25
122
DW0_CH_STRUCT26_CH
0x40288680
0x00000040 P-DMA#0 Channel #26
123
DW0_CH_STRUCT27_CH
0x402886C0
0x00000040 P-DMA#0 Channel #27
124
DW0_CH_STRUCT28_CH
0x40288700
0x00000040 P-DMA#0 Channel #28
125
DW0_CH_STRUCT29_CH
0x40288740
0x00000040 P-DMA#0 Channel #29
126
DW0_CH_STRUCT30_CH
0x40288780
0x00000040 P-DMA#0 Channel #30
127
DW0_CH_STRUCT31_CH
0x402887C0
0x00000040 P-DMA#0 Channel #31
Table 22-1
PPU fixed structure pairs (continued)
Pair
No.
PPU Fixed Structure Pair
Address
Size
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com