Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CYT4DNJBAS Datasheet(PDF) 96 Page - Infineon Technologies AG

Part # CYT4DNJBAS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBAS Datasheet(HTML) 96 Page - Infineon Technologies AG

Back Button CYT4DNJBAS Datasheet HTML 92Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 93Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 94Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 95Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 96Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 97Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 98Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 99Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 100Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 209 page
background image
Datasheet
96
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Electrical specifications
Table 26-1
Absolute maximum ratings
Spec ID
Parameter
Description
Min
Typ
Max
Units
Details/
conditions
SID10
VDDD_ABS
Power supply voltage (VDDD)[45, 46]
VSS – 0.3
–
VSS + 6.0
V
See Table 3-4 for
assignment of ports to
supply domains
SID10A
VDDIO_GPIO_ABS
Power supply voltage (VDDIO_GPIO)[46]
VSS – 0.3
–
VSS + 6.0
V
Applies to all VDDIO_GPIO
sources (VDDIO_GPIO_1/2/3)
See Table 3-4 for
assignment of ports to
supply domains
SID10B
VDDIO_SMC_ABS
Power supply voltage (VDDIO_SMC)[46]
VSS – 0.3
–
VSS + 6.0
V
See Table 3-4 for
assignment of ports to
supply domains
SID10C
VDDIO_HSIO_ABS
Power supply voltage (VDDIO_HSIO)[46]
VSS – 0.3
–
VSS + 6.0
V
See Table 3-4 for
assignment of ports to
supply domains
SID10D
VDDIO_SMIF_ABS
Power supply voltage (VDDIO_SMIF)[46]
VSS – 0.3
–
VSS + 2.2
V
See Table 3-4 for
assignment of ports to
supply domains
SID10E
VDDIO_SMIF_HV_ABS
Power supply voltage (VDDIO_SMIF_HV)[46]
Supply for 1.8 V I/Os
VSS – 0.3
–
VSS + 4.0
V
See Table 3-4 for
assignment of ports to
supply domains
SID10F
VDDPLL_FPD0_ABS
Power supply voltage (VDDPLL_FPD0)[46]
Supply for FPD-Link PLLs
VSSA_FPD0–
0.3
–
VSSA_FPD0 +
1.21
V
SID10G
VDDHA_FPD0_ABS
Power supply voltage (VDDHA_FPD0)[46]
Supply for FPD-Link Drivers
VSSA_FPD0–
0.3
–
VSSA_FPD0 +
4.0
V
SID10H
VDDA_FPD0_ABS
Power supply voltage (VDDA_FPD0)[46]
Core-supply for FPD-Link
VSSA_FPD0–
0.3
–
VSSA_FPD0 +
1.21
V
SID10F_1
VDDPLL_FPD1_ABS
Power supply voltage (VDDPLL_FPD1)[46]
Supply for FPD-Link PLLs
VSSA_FPD1–
0.3
–
VSSA_FPD1 +
1.21
V
SID10G_1
VDDHA_FPD1_ABS
Power supply voltage (VDDHA_FPD1)[46]
Supply for FPD-Link Drivers
VSSA_FPD1–
0.3
–
VSSA_FPD1 +
4.0
V
SID10H_1
VDDA_FPD1_ABS
Power supply voltage (VDDA_FPD1)[46]
Core-supply for FPD-Link
VSSA_FPD1–
0.3
–
VSSA_FPD1 +
1.21
V
SID10J
VDDA_MIPI_ABS
Power supply voltage (VDDA_MIPI)[46]
Supply for MIPI D-PHY
VSSA_MIPI–
0.3
–
VSSA_MIPI +
1.21
V
SID45
VDDA_DAC_ABS
Power supply voltage (VDDA_DAC)[46]
Supply for Audio DAC
VSSA_DAC –
0.3
–VSSA_DAC + 4.0
V
SID11
VDDA_ADC_ABS
Analog power supply voltage
(VDDA_ADC)[46]
Supply for SAR ADC
VSSA_ADC –
0.3
–VSSA_ADC + 6.0
V
SID12
VREFH_ABS
SAR Analog reference voltage, HIGH[46]
VSSA_ADC –
0.3
–VSSA_ADC + 6.0
V
VREFH  VDDA_ADC + 0.3 V
SID12A
VREFL_ABS
SAR Analog reference voltage, LOW[46]
VSSA_ADC –
0.3
–VSSA_ADC + 0.3
V
SID13
VCCD_ABS
Power supply voltage (VCCD)VSS – 0.3
–
VSS + 1.21
V
SID15A
VI_GPIO_ABS
Input voltage[46]
VSS – 0.5
–
VDDIO_GPIO +
0.5
V
See Table 3-4 for
assignment of ports to
supply domains
SID15B
VI_SMC_ABS
Input voltage[46]
VSS – 0.5
–
VDDIO_SMC +
0.5
V
See Table 3-4 for
assignment of ports to
supply domains
SID15C
VI_HSIO_ABS
Input voltage[46]
VSS – 0.5
–
VDDIO_HSIO +
0.5
V
See Table 3-4 for
assignment of ports to
supply domains
SID15E
VI_SMIF_ABS
Input voltage[46]
VSS – 0.5
–
VDDIO_SMIF +
0.5
V
See Table 3-4 for
assignment of ports to
supply domains
Notes
45.Ensure that VDDD ≥VDDIO_GPIO_2 ≥VDDIO_GPIO_1.EnsurethatVDDDis turned onbeforeVDDIO_GPIO_1, and VDDIO_GPIO_1 isturned on before
VDDIO_GPIO_2, or all at the same time. Also ensure VDDIO_GPIO_2 ≥ VDDA_ADC and VDDIO_SMC ≥ VDDA_ADC to avoid increased leakage.
Operating the mentioned supplies within the same voltage range (i.e. within 2.7V-3.6 V, respectively within 4.5 V-5.5 V) fulfills being
“equal”.
46..These parameters are based on the condition that VSS = VSSA_ADC = VSSA_DAC = VSSA_MIPI = VSSA_FPD = 0.0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com