Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH10H015SPSQ Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMTH10H015SPSQ
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015SPSQ Datasheet(HTML) 4 Page - Diodes Incorporated

  DMTH10H015SPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 7Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 8Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
DMTH10H015SPSQ
Document number: DS39955 Rev. 3 - 2
4 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMTH10H015SPSQ
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.5
1
1.5
2
2.5
3
VDS, DRAIN-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
VGS = 3.6V
VGS = 4.0V
VGS = 10.0V
VGS = 8.0V
VGS = 4.5V
VGS = 5.0V
0.004
0.006
0.008
0.010
0.012
0.014
0.016
0.018
0.020
0
5
10
15
20
25
30
ID, DRAIN-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Drain Current and
Gate Voltage
VGS = 10V
VGS = 6.0V
0
0.04
0.08
0.12
0.16
0
4
8
12
16
20
VGS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
ID = 20A
0.002
0.006
0.01
0.014
0.018
0.022
0.026
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
Figure 5. Typical On-Resistance vs. Drain Current and
Temperature
-55
℃
25
℃
85
℃
175
℃
125
℃
VGS = 10V
150
℃
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100
125
150
175
T
J, JUNCTION TEMPERATURE (℃)
Figure 6. On-Resistance Variation with Temperature
VGS = 6.0V, ID = 20A
VGS = 10V, ID = 20A
0
5
10
15
20
25
30
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
VGS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
VDS = 5.0V
-55
℃
25
℃
85
℃
125
℃
150
℃
175
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com