Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH10H015SPSQ Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMTH10H015SPSQ
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015SPSQ Datasheet(HTML) 3 Page - Diodes Incorporated

  DMTH10H015SPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 7Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 8Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMTH10H015SPSQ
Document number: DS39955 Rev. 3 - 2
3 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMTH10H015SPSQ
Electrical Characteristics (@ TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
100
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 80V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
2
—
4
V
VDS = VGS, ID = 250µA
Static Drain-Source On-Resistance
RDS(ON)
—
11.3
14.5
m
Ω
VGS = 10V, ID = 20A
—
14.7
19.5
VGS = 6V, ID = 20A
Diode Forward Voltage
VSD
—
0.9
1.3
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
2343
—
pF
VDS = 50V, VGS = 0V
f = 1MHz
Output Capacitance
Coss
—
487
—
Reverse Transfer Capacitance
Crss
—
26
—
Gate Resistance
RG
—
0.69
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge
QG
—
30.1
—
nC
VDD = 50V, ID = 10A,
VGS = 10V
Gate-Source Charge
QGS
—
7.5
—
Gate-Drain Charge
QGD
—
6.5
—
Turn-On Delay Time
tD(ON)
—
9.8
—
ns
VDD = 50V, VGS = 10V,
ID = 10A, RG = 6Ω
Turn-On Rise Time
tR
—
7.8
—
Turn-Off Delay Time
tD(OFF)
—
22.5
—
Turn-Off Fall Time
tF
—
9.6
—
Reverse Recovery Time
tRR
—
43.1
—
ns
IF = 10A, di/dt = 100A/µs
Reverse Recovery Charge
QRR
—
65.1
—
nC
Notes:
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com