Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMTH10H015SPSQ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMTH10H015SPSQ
Description  100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH10H015SPSQ Datasheet(HTML) 1 Page - Diodes Incorporated

  DMTH10H015SPSQ Datasheet HTML 1Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 2Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 3Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 4Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 5Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 6Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 7Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 8Page - Diodes Incorporated DMTH10H015SPSQ Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMTH10H015SPSQ
Document number: DS39955 Rev. 3 - 2
1 of 9
www.diodes.com
January 2023
© 2023 Copyright Diodes Incorporated. All Rights Reserved.
DMTH10H015SPSQ
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI5060-8
Product Summary
BVDSS
RDS(ON) Max
ID
TC = +25°C
100V
14.5
mΩ @ VGS = 10V
56A
19.5
mΩ @ VGS = 6V
49A
Description and Applications
This MOSFET is designed to meet the stringent requirements of
automotive applications. It is AEC-Q101 qualified, supported by a
PPAP, and is ideal for use in:
Motor controls
DC-DC converters
Power management
Features and Benefits
Rated to +175
C – Ideal for High Ambient Temperature
Environments
100% Unclamped Inductive Switching (UIS) Test in Production
–
Ensures More Reliable and Robust End Application
Thermally Efficient Package
– Cooler Running Applications
Low RDS(ON) – Minimizes On-State Losses
Low Input Capacitance
Fast Switching Speed
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Halogen- and Antimony-
Free. “Green” Device (Note 3)
The DIODES™ DMTH10H015SPSQ is suitable for automotive
applications requiring specific change control; this part is
AEC-Q101 qualified, PPAP capable, and manufactured in
IATF 16949 certified facilities.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: PowerDI
®
5060-8
Package Material: Molded Plastic, "Green" Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Lead-Frame.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Site 1:
Site 2:
Notes:
1. EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant. All applicable RoHS exemptions applied.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Green
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8
Pin1
S
D
D
G
D
D
S
S
D
S
G
D
S
G
Bottom View
Top View
Pin Configuration
Top View
Internal Schematic
PowerDI5060-8 (SWP) (Type UX)
Pin1
S
D
D
G
D
D
S
S


Similar Part No. - DMTH10H015SPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
394Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMTH10H015LK3 DIODES-DMTH10H015LK3 Datasheet
351Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
394Kb / 7P
Qualified to AEC-Q101 Standards for High Reliability
Rev 2
DMTH10H015LK3-13 DIODES-DMTH10H015LK3-13 Datasheet
351Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
DMTH10H015LK3 DIODES-DMTH10H015LK3_17 Datasheet
351Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 5
More results

Similar Description - DMTH10H015SPSQ

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMTH6016LFDFWQ DIODES-DMTH6016LFDFWQ Datasheet
435Kb / 8P
60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2021
DMTH45M5LPSW DIODES-DMTH45M5LPSW Datasheet
592Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 3 - 2 August 2022
DMTH45M5SPSW DIODES-DMTH45M5SPSW Datasheet
587Kb / 8P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
Rev. 2 - 2 August 2022
DMNH45M7SCT DIODES-DMNH45M7SCT Datasheet
475Kb / 6P
40V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
August 2018 Rev. 4 - 2
DMTH10H009LFG DIODES-DMTH10H009LFG Datasheet
399Kb / 7P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2020 Rev. 3 - 2
DMTH10H032LPSWQ DIODES-DMTH10H032LPSWQ Datasheet
908Kb / 8P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
January 2023 Rev. 3 - 2
DMTH10H4M6SPSWQ DIODES-DMTH10H4M6SPSWQ Datasheet
761Kb / 8P
100V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
December 2022 Rev. 2 - 2
DMTH31M7LPSQ DIODES-DMTH31M7LPSQ Datasheet
374Kb / 8P
175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
DMTH8008LFGQ DIODES-DMTH8008LFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
April 2020 Rev. 3 - 2
DMTH8008SFGQ DIODES-DMTH8008SFGQ Datasheet
467Kb / 7P
80V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET
June 2020 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com