Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BLC10G22XS-401AVT Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # BLC10G22XS-401AVT
Description  Power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLC10G22XS-401AVT Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button BLC10G22XS-401AVT Datasheet HTML 6Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 7Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 8Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 9Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 10Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 11Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 12Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 13Page - Ampleon Netherlands B.V. BLC10G22XS-401AVT Datasheet HTML 14Page - Ampleon Netherlands B.V.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BLC10G22XS-401AVT
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 1 — 20 May 2022
10 of 14
BLC10G22XS-401AVT
Power LDMOS transistor
8.
Package outline
Fig 12. Package outline SOT1275-1
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1275-1
sot1275-1_po
16-11-15
17-04-13
Unit
mm
max
nom
min
4.01
3.94
0.178 20.42 20.37 9.80
8.89
9.91
A
Dimensions
Air cavity plastic earless flanged package; 6 leads
SOT1275-1
bb1
1.14
cD
D1
EE1
eF
H
H1
LQ(1)
1.68
U1
20.70
U2
0.94
12.60
9.55
19.33
25.20
3.40
3.68
0.127 20.12 20.17 9.50
9.70
0.89
1.45
20.50
65°
Z
3.17
Z1
5.79
61°
2.67
5.29
1.14
12.80
9.75
19.53
25.40
0.5
0.5
0.1
w2
v
y
0.5
w1
0
10 mm
5
scale
B
A
e
51
2
6
7
34
D
H1
b
Q
U2
b1
U1
L
D1
F
Z1
Z
E
E1
H
A
c
w1
B
w2
B
v
A
Note
1. Dimension Q is measured 0.1 mm away from the flange.
2. Ringframe and/or ringframe glue shall not overhang at the side of the flange.
y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com