Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74LVC2245APY Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74LVC2245APY
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC2245APY Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74LVC2245APY Datasheet HTML 1Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 2Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 3Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 4Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 5Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 6Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
4
IDT74LVC2245A
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
OPERATING CHARACTERISTICS, VCC = 3.3V ± 0.3V, TA = 25°C
Symbol
Parameter
Test Conditions
Typical
Unit
CPD
PowerDissipationCapacitanceperTransceiverOutputsenabled
CL = 0pF, f = 10Mhz
48
pF
CPD
PowerDissipationCapacitanceperTransceiverOutputsdisabled
4
NOTE:
1. VIH and VIL must be within the min. or max. range shown in the DC ELECTRICAL CHARACTERISTICS OVER OPERATING RANGE table for the appropriate VCC range.
TA = – 40°C to + 85°C.
SWITCHING CHARACTERISTICS (A PORT)(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
—
7.3
1.5
6.3
ns
tPHL
Bx to Ax
tPZH
OutputEnableTime
—
9.5
1.5
8.5
ns
tPZL
OE to Ax
tPHZ
OutputDisableTime
—
8.5
1.7
7.5
ns
tPLZ
OE to Ax
tSK(o)
OutputSkew(2)
——
—
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.
OUTPUT DRIVE CHARACTERISTICS (B PORT)
Symbol
Parameter
TestConditions(1)
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = 2.3V to 3.6V
IOH = – 0.1mA
VCC – 0.2
—
V
VCC = 2.3V
IOH = – 4mA
1.9
—
IOH = – 6mA
1.7
—
VCC = 2.7V
IOH = – 4mA
2.2
—
IOH = – 8mA
2
—
VCC = 3V
IOH = – 6mA
2.4
—
IOH = – 12mA
2
—
VOL
OutputLOWVoltage
VCC = 2.3V to 3.6V
IOL = 0.1mA
—
0.2
V
VCC = 2.3V
IOL = 4mA
—
0.4
IOL = 6mA
—
0.55
VCC = 2.7V
IOL = 4mA
—
0.4
IOL = 8mA
—
0.6
VCC = 3V
IOL = 6mA
—
0.55
IOL = 12mA
—
0.8



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com