Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74LVC2245APY Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT74LVC2245APY
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC2245APY Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT74LVC2245APY Datasheet HTML 1Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 2Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 3Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 4Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 5Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 6Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC2245A
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
7
ORDERING INFORMATION
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XX
LVC
XXXX
XX
Package
Device Type
Temp. Range
SO
PY
Q
PG
74
Small Outline IC (gull wing)
Shrink Small Outline Package
Quarter Size Small Outline Package
Thin Shrink Small Outline Package
Octal Bus Transceiver with 3-State Outputs, ±12mA (B port)
–40°C to +85°C
X
Bus-Hold
2245A
No Bus-hold
Blank
±24mA (A port)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com