Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IDT74LVC2245APY Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74LVC2245APY
Description  3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74LVC2245APY Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74LVC2245APY Datasheet HTML 1Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 2Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 3Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 4Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 5Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 6Page - Integrated Device Technology IDT74LVC2245APY Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
INDUSTRIALTEMPERATURERANGE
IDT74LVC2245A
3.3V CMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
5
SWITCHING CHARACTERISTICS (B PORT)(1)
VCC = 2.7V
VCC = 3.3V ± 0.3V
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tPLH
PropagationDelay
—
8.1
1.5
7.1
ns
tPHL
Ax to Bx
tPZH
OutputEnableTime
—
10
1.5
9
ns
tPZL
OE to Bx
tPHZ
OutputDisableTime
—
9.2
1.7
8.2
ns
tPLZ
OE to Bx
tSK(o)
OutputSkew(2)
——
—
500
ps
NOTES:
1. See TEST CIRCUITS AND WAVEFORMS. TA = – 40°C to + 85°C.
2. Skew between any two outputs of the same package and switching in the same direction.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com