Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM69C433 Datasheet(PDF) 6 Page - Motorola, Inc

Part # SCM69C433
Description  16K x 64 CAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 Datasheet(HTML) 6 Page - Motorola, Inc

Back Button SCM69C433 Datasheet HTML 2Page - Motorola, Inc SCM69C433 Datasheet HTML 3Page - Motorola, Inc SCM69C433 Datasheet HTML 4Page - Motorola, Inc SCM69C433 Datasheet HTML 5Page - Motorola, Inc SCM69C433 Datasheet HTML 6Page - Motorola, Inc SCM69C433 Datasheet HTML 7Page - Motorola, Inc SCM69C433 Datasheet HTML 8Page - Motorola, Inc SCM69C433 Datasheet HTML 9Page - Motorola, Inc SCM69C433 Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCM69C433
•SCM69C433
6
MOTOROLA FAST SRAM
MATCH PORT TIMINGS
(Voltages Referenced to VSS = 0 V, Max’s are tKHKH Dependent and Listed Values are for tKHKH = 15 ns)
Parameter
Symbol
Min
Max
Unit
Clock Cycle Time
tKHKH
15
250
ns
Clock High Time
tKHKL
6
244
ns
Clock Low Time
tKLKH
6
244
ns
LHSM or LL Low to Clock High
tLLKH
3
—
ns
Clock High to LHSM or LL High
tKHLH
1
—
ns
MQ Input Data Valid to Clock High
tMQVKH
8
—
ns
Clock High to Match Data Invalid
tKHMQX
2
—
ns
Clock High to MQ Valid
tKHMQV
—
13
ns
Clock High to MC High
tKHMCH
—
10
ns
Clock High to MC Low
tKHMCL
—
7
ns
Clock High to MS Low
tKHMSL
—
8
ns
Clock High to MS High
tKHMSH
—
5
ns
Clock High to VPC Low
tKHVPL
—
8
ns
Clock High to VPC High
tKHVPH
—
5
ns
G Low to MQ Active
tGLMQX
—
3.8
ns
G High to MQ High Impedance
tGHMQZ
—
5
ns
LH/SM Low to LH/SM Low
tSMSM
22
—
cycles
Figure 1. AC Test Load
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VL = 1.5 V
Figure 2. Pullup for Open Drain Outputs
MCM69C433 OUTPUT PIN
3.3 V
FANOUT TO LOAD DEVICES
RH
NOTES:
1. For IRQ, DTACK, MS, MC, and VPC; RH = 200 Ω .
2. If multiple MCM69C433s are used, RH should be placed as
close to the load devices as possible.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com