Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCM69C433 Datasheet(PDF) 11 Page - Motorola, Inc

Part # SCM69C433
Description  16K x 64 CAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

SCM69C433 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button SCM69C433 Datasheet HTML 7Page - Motorola, Inc SCM69C433 Datasheet HTML 8Page - Motorola, Inc SCM69C433 Datasheet HTML 9Page - Motorola, Inc SCM69C433 Datasheet HTML 10Page - Motorola, Inc SCM69C433 Datasheet HTML 11Page - Motorola, Inc SCM69C433 Datasheet HTML 12Page - Motorola, Inc SCM69C433 Datasheet HTML 13Page - Motorola, Inc SCM69C433 Datasheet HTML 14Page - Motorola, Inc SCM69C433 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
MCM69C433
•SCM69C433
11
MOTOROLA FAST SRAM
Figure 3. Connections per Second vs Match Cycle Time
MATCH DUTY CYCLE AT 66 MHz INPUT CLOCK
0
500
1,000
1,500
2,000
2,500
TYPICAL
WORST CASE
20
30
40
50
60
70
80
90
100
insertion and deletion is maximized if the longest–lived en-
tries are placed near the beginning of the table and the short-
est–lived entries are placed near the end of the table. For an
ATM application, this would correspond to the assignment of
small VPI values to permanent virtual circuits and large VPI
values to switched virtual circuits.
Note that at start–up, when entries are loaded into the
CAM via the fast–entry mode, the process is dominated by
the time it takes to execute the initialization instruction that
follows. The resulting effective rate of loading the CAM at
start–up is approximately 136,500 entries per second.
RESET
Asserting RESET removes all entries from the CAM table
and entry queue. The flag register is set to 1C16 (setting the
queue empty, buffered–entry mode, and table initialized bits).
The error register is set to FFFF16, indicating no errors.
Finally, the almost–full register is set to 3FFF16.
TIMING OVERVIEW
CONTROL PORT
The control port of the MCM69C433 is asynchronous.
Data transfers, both read and write, are initiated by the
assertion of the SEL signal. Address values should be valid
and WE should be high, when SEL is asserted to begin
a read cycle. All values (address, WE, and SEL) should be
held until the MCM69C433 asserts DTACK to signal the end
of the read cycle.
Address and data values should be valid and WE should
be low, when SEL is asserted to begin a write cycle. Address,
data, WE , a n d S E L values should be held until the
MCM69C433 asserts DTACK to signal the end of the write
cycle.
MATCH PORT
The MCM69C433’s match port is synchronous in opera-
tion. When the match width is
v32 bits, a match cycle can be
initiated by presenting the match data on MQ31 – MQ0 and
asserting the LH/SM signal with the appropriate setup time
relative to the rising edge of the clock. The assertion of the
MC output signifies the completion of the match cycle. If a
match has been found, the MS output is also asserted. If the
match is a virtual path circuit match in ATM mode, the VPC
output will be asserted with the MS output. Output data, if
any, is enabled by the assertion of the G input.
If the match width is greater than 32 bits, the lower bits are
first latched into the MCM69C433 by the LL input. The match
cycle is then initiated as specified in the previous paragraph.
Two alternative timing diagrams are presented to describe
the Match Port timing. In the first, LH/SM must meet setup
and hold specs across two consecutive clock cycles, while
the MQ bus need only be valid for a single cycle. In the se-
cond diagram, LH/SM need only be asserted for a single
clock cycle, while the MQ bus must be held valid with
constant data across two clock cycles.
SIMULTANEOUS PORT OPERATIONS
When the control and match ports are utilized simulta-
neously, certain procedures must be followed. If a CHECK
FOR VALUE command is issued, both the last operation
complete bit (bit 10) and the entry queue empty bit (bit 4) in
the flag register should be set prior to executing the CHECK
FOR VALUE command in order to receive valid results. How-
ever, matching on the match port can be done directly after
the last operation complete flag is set.
The match port has priority over the control port during
simultaneous operations.
DEPTH EXPANSION
Multiple CAMs can be cascaded to increase the depth of
the match table. The hardware requirements are very
straightforward, as the following pins on each device are sim-
ply wired in parallel: A2 – A0, DQ15 – DQ0, WE, IRQ,
DTACK, MQ31 – MQ0, K, G, LH/SM, MC, MS, and VPC.
Four CAMs can be easily cascaded. Simulations show that
eight devices can be cascaded if care is taken to minimize
the length of the PC board traces connecting the CAMs.
The buffered–entry mode prevents multiple matching
entries in a single CAM. The check for value instruction
should be used to verify that multiple matching entries will
not result from a potential new entry. If a match is found in
CAM 1, for example, the new value should be placed in CAM 1,
where it will replace the existing entry.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com