Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS871S1022 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # ICS871S1022
Description  Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS871S1022 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button ICS871S1022 Datasheet HTML 5Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 6Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 7Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 8Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 9Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 10Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 11Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 12Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
ICS871S1022EK November 2, 2017
9
©2017 Integrated Device Technology, Inc.
ICS871S1022 Datasheet
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
Parameter Measurement Information
3.3V HCSL Output Load AC Test Circuit
Differential Input Level
Bank Skew
3.3V HCSL Output Load AC Test Circuit
Cycle-to-Cycle Jitter
Output Skew
V
CC,
475
Measurement
Point
33
100
100
33
Measurement
Point
49.9
49.9
GND
2pF
2pF
VDDA
VDD,
VDDO
3.3V±5%
3.3V±5%
VDD_XTAL
V
CMR
Cross Points
V
PP
nCLK
CLK
VDD
GND
nQx0, nQx1
tsk(b)
Qx0, Qx1
Qx0, Qx1
nQx0, nQx1
Where x denotes outputs in the same bank.
This load condition is used for IDD, tjit(cc), tjit(Ø, tsk(b)) and tsk(o)
measurements.
3.3V±5%
VDD,_XTAL
VDD,
VDDO V
DDA
nQA0, nQA1,
tcycle n
tcycle n+1
tjit(cc) =
|tcycle n – tcycle n+1|
1000 Cycles
nQB0, nQB1
QA0, QA1,
QB0, QB1
nQx
Qy
nQy
Qx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com