Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS871S1022 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # ICS871S1022
Description  Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS871S1022 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button ICS871S1022 Datasheet HTML 12Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 13Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 14Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 15Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 16Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 17Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 18Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 19Page - Renesas Technology Corp ICS871S1022 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ICS871S1022EK November 2, 2017
16
©2017 Integrated Device Technology, Inc.
ICS871S1022 Datasheet
DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
Schematic Example
Figure 5
shows an example of ICS871S1022 application schematic.
In this example, the device is operated VDD= VDDO = VDD_XTAL = VDDA =
3.3V. An 18pF parallel resonant 25MHz crystal is used. The load
capacitance C1 = 27pF and C2 = 27pF are recommended for
frequency accuracy. Depending on the parasitic of the printed circuit
board layout, these values might require a slight adjustment to
optimize the frequency accuracy. Crystals with other load
capacitance specifications can be used. This will require adjusting C1
and C2. For this device, the crystal load capacitors are required for
proper operation.
As with any high speed analog circuitry, the power supply pins are
vulnerable to random noise. To achieve optimum jitter performance,
power supply isolation is required. The ICS871S1022 provides
separate power supplies to isolate noise from coupling into the
internal PLL.
In order to achieve the best possible filtering, it is recommended that
the placement of the filter components be on the device side of the
PCB as close to the power pins as possible. If space is limited, the
0.1μF capacitor in each power pin filter should be placed on the
device side of the PCB and the other components can be placed on
the opposite side.
Power supply filter recommendations are a general guideline to be
used for reducing external noise from coupling into the devices. The
filter performance is designed for wide range of noise frequency. This
low-pass filter starts to attenuate noise at approximately 10 kHz. If a
specific frequency noise component with high amplitude interference
is known, such as switching power supplies frequencies, it is
recommended that component values be adjusted and if required,
additional filtering be added. Additionally general design practice for
power plane voltage stability suggests adding bulk capacitances in
the general area of all devices.
The schematic example focuses on functional connections and is not
configuration specific. Refer to the pin description and functional
tables in the datasheet to ensure the logic control inputs are properly
set.
Figure 5. ICS871S1022 Schematic Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com