Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSD4235G2V-12UI Datasheet(PDF) 63 Page - STMicroelectronics

Part # PSD4235G2V-12UI
Description  Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2V-12UI Datasheet(HTML) 63 Page - STMicroelectronics

Back Button PSD4235G2V-12UI Datasheet HTML 59Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 60Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 61Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 62Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 63Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 64Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 65Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 66Page - STMicroelectronics PSD4235G2V-12UI Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 100 page
background image
63/100
PSD4256G6V
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
JTAG In-System Programming (ISP)
Port E is JTAG compliant, and can be used for In-
System Programming (ISP). You can multiplex
JTAG operations with other functions on Port E
because In-System Programming (ISP) is not per-
formed during normal system operation. For more
information on the JTAG Port, see the section en-
titled “RESET”, on page 34.
MCU RESET Mode
Ports F and G can be configured to operate in
MCU RESET Mode. This mode is available when
PSD is configured for the Motorola 16-bit 683xx
and HC16 family and is active only during reset.
At the rising edge of the RESET input, the MCU
reads the logic level on the data bus (D15-D0)
pins. The MCU then configures some of its I/O pin
functions according to the logic level input on the
data bus lines. Two dedicated buffers are usually
enabled during RESET to drive the data bus lines
to the desired logic level.
The PSD can replace the two buffers by configur-
ing Ports F and G to operate in MCU RESET
Mode. In this mode, the PSD will drive the pre-de-
fined logic level or data pattern on to the MCU data
bus when RESET is active and there is no ongoing
bus cycle. After RESET, Ports F and G return to
the normal Data Port mode.
The MCU RESET Mode is enabled and configured
in PSDsoft. The user defines the logic level (data
pattern) that will be drive out from Ports F and G
during RESET.
Port Configuration Registers (PCR)
Each Port has a set of Port Configuration Regis-
ters (PCR) used for configuration. The contents of
the registers can be accessed by the MCU through
normal READ/WRITE bus cycles at the addresses
given in Table 6, page 19. The addresses in Table
6 are the offsets in hexadecimal from the base of
the CSIOP register.
The pins of a port are individually configurable and
each bit in the register controls its respective pin.
For example, bit 0 in a register refers to bit 0 of its
port. The three Port Configuration Registers
(PCR), shown in Table 42, are used for setting the
Port configurations. The default Power-up state for
each register in Table 42 is 00h.
Control Register
Any bit reset to '0' in the Control Register sets the
corresponding port pin to MCU I/O mode, and a 1
sets it to Address Out mode. The default mode is
MCU I/O. Only Ports E, F and G have an associat-
ed Control Register.
Table 42. Port Configuration Registers (PCR)
Note: 1. See Table 46, page 64 for Drive Register bit definition.
Register Name
Port
MCU Access
Control
E, F, G
WRITE/READ
Direction
A, B, C, D, E, F, G
WRITE/READ
Drive Select1
A, B, D, E, G
WRITE/READ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com