| Electronic Components Datasheet Search |
|
PSD4235G2V-12UI Datasheet(PDF) 20 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-12UI Datasheet(HTML) 20 Page - STMicroelectronics |
|
20 / 100 page ![]() PSD4256G6V 20/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. REGISTER BIT DEFINITION All the registers of the PSD are included here, for reference. Detailed descriptions of these registers can be found in the following sections. Table 7. Data-In Registers - Ports A, B, C, D, E, F, and G Note: Bit Definitions (Read only registers): READ Port pin status when Port is in MCU I/O input mode. Table 8. Data-Out Registers - Ports A, B, C, D, E, F, and G Note: Bit Definitions: Latched data for output to Port pin when pin is configured in MCU I/O output mode. Table 9. Direction Registers - Ports A, B, C, D, E, F, and G Note: Bit Definitions: Portpin <i> 0 = Port pin <i> is configured in Input mode (default). Portpin <i> 1 = Port pin <i> is configured in Output mode. Table 10. Control Registers - Ports E, F, and G Note: Bit Definitions: Portpin <i> 0 = Port pin <i> is configured in MCU I/O mode (default). Portpin <i> 1 = Port pin <i> is configured in Latched Address Out mode. Table 11. Drive Registers - Ports A, B, D, E, and G Note: Bit Definitions: Portpin <i> 0 = Port pin <i> is configured for CMOS Output driver (default). Portpin <i> 1 = Port pin <i> is configured for Open Drain output driver. Table 12. Enable-Out Registers - Ports A, B, C, and F Note: Bit Definitions (Read only registers): Portpin <i> 0 = Port pin <i> is in tri-state driver (default). Portpin <i> 1 = Port pin <i> is enabled. Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Port pin 7 Port pin 6 Port pin 5 Port pin 4 Port pin 3 Port pin 2 Port pin 1 Port pin 0 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |