| Electronic Components Datasheet Search |
|
PSD4235G2V-12UI Datasheet(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD4235G2V-12UI Datasheet(HTML) 12 Page - STMicroelectronics |
|
12 / 100 page ![]() PSD4256G6V 12/100 This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice. Table 2. TQFP80 Pin Description Pin Name Pin Type Description ADIO0- ADIO7 3-7 10-12 I/O This is the lower Address/Data port. Connect your MCU address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the lower address bits, connect AD0-AD7 to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A0-A7 to this port. 3. If you are using an 80C51XA in burst mode, connect A4/D0 through A11/D7 to this port. ALE or AS latches the address. The PSD drives data out only if the READ signal is active and one of the PSD functional blocks has been selected. The addresses on this port are passed to the PLDs. ADIO8- ADIO15 13-20 I/O This is the upper Address/Data port. Connect your MCU address or address/data bus according to the following rules: 1. If your MCU has a multiplexed address/data bus where the data is multiplexed with the address bits, connect A8-A15 or AD8-AD15 to this port. 2. If your MCU does not have a multiplexed address/data bus, connect A8-A15 to this port. 3. If you are using an 80C51XA in burst mode, connect A12/D8 through A19/D15 to this port. ALE or AS latches the address. The PSD drives data out only if the READ signal is active and one of the PSD functional blocks has been selected. The addresses on this port are passed to the PLDs. CNTL0 59 I The following control signals can be connected to this pin, based on your MCU: 1. WR – active Low, WRITE Strobe input. 2. R_W – active High, READ/active Low WRITE input. 3. WRL – active Low, WRITE to Low-byte. This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL1 60 I The following control signals can be connected to this pin, based on your MCU: 1. 1RD – active Low, READ Strobe input. 2. E – E clock input. 3. DS – active Low, Data Strobe input. 4. LDS – active Low, Strobe for low data byte. This pin is connected to the PLDs. Therefore, these signals can be used in decode and other logic equations. CNTL2 40 I READ or other Control input pin, with multiple configurations. Depending on the MCU interface selected, this pin can be: 1. PSEN – Program Select Enable, active Low in code retrieve bus cycle (80C51XA mode). 2. BHE – High-byte enable, 16-bit data bus. 3. UDS – active Low, Strobe for high data byte, 16-bit data bus mode. 4. SIZ0 – Byte enable input. 5. LSTRB – Low Strobe input. This pin is also connected to the PLDs. RESET 39 I Active Low input. Resets I/O Ports, PLD Macrocells and some of the Configuration Registers and JTAG registers. Must be Low at Power-up. RESET also aborts any Flash memory Program or Erase cycle that is currently in progress. PA0-PA7 51-58 I/O CMOS or Open Drain These pins make up Port A. These port pins are configurable and can have the following functions: 1. MCU I/O – standard output or input port. 2. CPLD Macrocell (McellA0-McellA7) outputs. 3. Latched, transparent or registered PLD inputs (can also be PLD input for address A16 and above). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |