Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC2119RU/2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # PC2119RU/2
Description  LCD controllers/drivers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PC2119RU/2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button PC2119RU/2 Datasheet HTML 36Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 37Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 38Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 39Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 40Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 41Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 42Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 43Page - NXP Semiconductors PC2119RU/2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
28. August 2000
40
Philips Semiconductors
Product specification
LCD controllers/drivers
PCF2119x-2
16 APPLICATION INFORMATION
16.1
General application information
The required minimum value for the external capacitors in an application with the PCF2119x-2 are:
Cext for VLCD/VSS1,2 = min. 100nF, for VDD1,2,3 / VSS1,2 = 470nF.
Higher capacitor values are recommended for ripple reduction.
For COG applications the recommended ITO track resistance is to be minimized for the I/O and supply connections.
Optimized values for these tracks are below 50 Ohm for the supply and below 100 Ohm for the I/O connections. Higher
track resistance reduces performance and increase current consumption.
To avoid accidental triggering of power-on reset (especially in COG applications), the supplies must be adequately
decoupled. Depending on power supply quality, VDD1 may have to be rised above the specified minimum.
Fig.28 Direct connection to 8-bit MPU; 8-bit bus.
handbook, full pagewidth
PCF2119x
MGK895
P80CL51
2
× 16 CHARACTER
LCD DISPLAY
PLUS 160 ICONS
16
8
C1 to C80
80
2
RS
P20
P21
E
P22
DB7 to DB0
P17 to P10
R17, R18
R1 to R16
R/W
Fig.29 Direct connection to 8-bit MPU; 4-bit bus.
handbook, full pagewidth
PCF2119x
MGK896
P80CL51
2
× 16 CHARACTER
LCD DISPLAY
PLUS 160 ICONS
16
4
C1 to C80
80
2
RS
P10
P11
E
P12
DB7 to DB4
P17 to P14
R17, R18
R1 to R16
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com