Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVF132 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF132 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 30Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 31Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
Electrical Characteristics
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
33
Figure 11. CLKOUT Timing
7
Input Signal Valid to CLKOUT
Posedge (Setup Time)
ADDR[8:31]
BB
BG5
BR5
DATA[0:31]
RD_WR
TA
TEA
TS
TSIZ[0:1]
tCIS
10.0
—7.0
—5.0
—
ns
8
CLKOUT Posedge to Input
Signal Invalid
(Hold Time)
ADDR[8:31]
BB
BG5
BR5
DATA[0:31]
RD_WR
TA
TEA
TS
TSIZ[0:1]
tCIH
1.0
—
1.0
—
1.0
—
ns
1 EBI timing specified at VDD = 1.35V to 1.65V, VDDE = 1.6V to 3.6V (unless stated otherwise), VDD33 and VDDSYN = 3.0V
to 3.6V, TA = TL to TH, and CL = 30pF with DSC = 0b10.
2 The external bus is limited to half the speed of the internal bus.
3 Refer to Fast Pad timing in Table 17 and Table 18 (different values for 1.8V vs 3.3V).
4 Internal Arbitration
5 External Arbitration
6 The EBTS=0 timings are only valid/ tested at VDDE=2.25-3.6V, whereas EBTS=1 timings are valid/tested at 1.6–3.6V.
Table 22. Bus Operation Timing1 (continued)
#
Characteristic/Description Symbol
40 MHz
(ext. bus)2
56 MHz
(ext. bus)2
66 MHz
(ext. bus)2
Unit
Notes
Min
Max
Min
Max
Min
Max
1
2
2
3
4
CLKOUT
VDDE/2
Vol_f
Voh_f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com