Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVF132 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF132 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
16
3.8.1
I/O Pad Current Specifications
The power consumption of an I/O segment depends on the usage of the pins on a particular segment. The
power consumption is the sum of all output pin currents for a particular segment. The output pin current
can be calculated from Table 10 based on the voltage, frequency, and load on the pin. Use linear scaling to
calculate pin currents for voltage, frequency, and load parameters that fall outside the values given in
Table 10.
43a VRC33 to VDDSYN Differential Voltage
VRC33 – VDDSYN
–0.1
0.117
V
44
Analog Input Differential Signal Range (with common mode 2.5V)
VIDIFF
– 2.5
2.5
V
45
Operating Temperature Range — Ambient (Packaged)
TA
(TL to TH)
– 40.0
125.0
ο
C
46
Slew rate on power supply pins
—
—
50
V/ms
1 | VDDA0–VDDA1 | must be < 0.1V
2 VPP can drop to 3.0 volts during read operations.
3 During standby operation. If standby operation is not required, VSTBY can be connected to ground.
4 Applies to CLKOUT, external bus pins, and Nexus pins.
5 Maximum average RMS DC current.
6 Average current measured on Automotive benchmark.
7 Peak currents may be higher on specialized code.
8 High use current measured while running optimized SPE assembly code with all code and data 100% locked in cache (0%
miss rate) with all channels of the eMIOS and eTPU running autonomously, plus the eDMA transferring data continuously from
SRAM to SRAM. Higher currents could be seen if an “idle” loop that crosses cache lines is run from cache. Code should be
written to avoid this condition.
9 Preliminary. Final specification pending characterization.
10 Power requirements for the VDD33 supply are dependent on the frequency of operation and load of all I/O pins, and the
voltages on the I/O segments. See Table 11 for values to calculate power dissipation for specific operation.
11 Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on a particular
I/O segment, and the voltage of the I/O segment. See Table 10 for values to calculate power dissipation for specific operation.
The total power consumption of an I/O segment is the sum of the individual power consumptions for each pin on the segment.
12 Absolute value of current, measured at V
IL and VIH.
13 Absolute value of current, measured at V
IL and VIH.
14 Weak pull up/down inactive. Measured at VDDE = 3.6 V and VDDEH = 5.25 V. Applies to pad types: pad_fc, pad_sh, and
pad_mh.
15 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for each
8 to 12 oC, in the ambient temperature range of 50 to 125 oC. Applies to pad types: pad_a and pad_ae.
16 VSSA refers to both VSSA0 and VSSA1. | VSSA0–VSSA1 | must be < 0.1V
17 Up to 0.6 volts during power up and power down.
Table 9. DC Electrical Specifications (continued)
Num
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com