Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553AVF132 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC5553AVF132
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553AVF132 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC5553AVF132 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553AVF132 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
12
3.7.1
Power Up Sequence (If VRC33 Grounded)
In this case, the 1.5-V VDD supply must rise to 1.35-V before the 3.3-V VDDSYN and the RESET power
supplies rises above 2.0 V. This ensures that digital logic in the PLL on the 1.5-V supply will not begin to
operate below the specified operation range lower limit of 1.35 V. Since the internal 1.5-V POR is disabled,
the internal 3.3-V POR or the RESET power POR must be depended on to hold the device in reset. Since
they may negate as low as 2.0 V, it is necessary for VDD to be within spec before the 3.3-V POR and the
RESET POR negate.
Figure 2. Power Up Sequence if VRC33 Grounded
3.7.2
Power Down Sequence (If VRC33 Grounded)
In this case, the only requirement is that if VDD falls below its operating range, VDDSYN or the RESET
power must fall below 2.0 V before VDD is allowed to rise back into its operating range. This ensures that
digital 1.5-V logic that is only reset by ORed_POR, which may have been affected by the 1.5V supply
falling below spec, is reset properly.
3.7.3
Input Value of Pins During POR Dependent on VDD33
In order to avoid accidentally selecting the bypass clock because PLLCFG[0:1] and RSTCFG are not
treated as 1s when POR negates, VDD33 must not lag VDDSYN and the RESET pin power (VDDEH6)
when powering the device by more than the VDD33 lag specification in Table 6. VDD33 individually can
lag either VDDSYN or the RESET pin power (VDDEH6) by more than the VDD33 lag specification.
VDD33 can lag one of the VDDSYN or VDDEH6 supplies, but cannot lag both by more than the VDD33
lag specification. This VDD33 lag specification only applies during power up. VDD33 has no lead or lag
requirements when powering down.
Table 8. Power Sequence Pin States (Medium and Slow Pads)
VDDEH
VDD
pad_mh/pad_sh
(Medium and Slow)
Output Driver
Comment
LOW
X
Low
Functional I/O pins are clamped to VSS and VDDEH
VDDEH
LOW
High Impedance
POR asserted
VDDEH
VDD
Functional
No POR asserted
VDDSYN and RESET Power
VDD
2.0V
1.35V
VDD must reach 1.35V before VDDSYN and the RESET power reach 2.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com