Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310I/PTSQTP Datasheet(PDF) 29 Page - Microchip Technology

Part # PIC18F6310I/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310I/PTSQTP Datasheet(HTML) 29 Page - Microchip Technology

Back Button PIC18F6310I/PTSQTP Datasheet HTML 25Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 26Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 27Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 28Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 29Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 30Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 31Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 32Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 27
PIC18F6310/6410/8310/8410
PORTG is a bidirectional I/O port.
RG0/CCP3
RG0
CCP3
5
I/O
I/O
ST
ST
Digital I/O.
Capture 3 input/Compare 3 output/PWM 3 output.
RG1/TX2/CK2
RG1
TX2
CK2
6
I/O
O
I/O
ST
—
ST
Digital I/O.
AUSART2 asynchronous transmit.
AUSART2 synchronous clock (see related RX2/DT2).
RG2/RX2/DT2
RG2
RX2
DT2
7
I/O
I
I/O
ST
ST
ST
Digital I/O.
AUSART2 asynchronous receive.
AUSART2 synchronous data (see related TX2/CK2).
RG3
8
I/O
ST
Digital I/O.
RG4
10
I/O
ST
Digital I/O.
RG5
See RG5/MCLR/VPP pin.
PORTH is a bidirectional I/O port.
RH0/AD16
RH0
AD16
79
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 16.
RH1/AD17
RH1
AD17
80
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 17.
RH2/AD18
RH2
AD18
1
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 18.
RH3/AD19
RH3
AD19
2
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 19.
RH4
22
I/O
ST
Digital I/O.
RH5
21
I/O
ST
Digital I/O.
RH6
20
I/O
ST
Digital I/O.
RH7
19
I/O
ST
Digital I/O.
TABLE 1-3:
PIC18F8310/8410 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
TQFP
Legend: TTL = TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Alternate assignment for CCP2 when configuration bit CCP2MX is cleared (all operating modes except
Microcontroller mode).
2:
Default assignment for CCP2 in all operating modes (CCP2MX is set).
3:
Alternate assignment for CCP2 when CCP2MX is cleared (Microcontroller mode only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com