Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310I/PTSQTP Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC18F6310I/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310I/PTSQTP Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC18F6310I/PTSQTP Datasheet HTML 94Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 95Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 96Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 97Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 98Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 99Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 100Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 101Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 404 page
background image
PIC18F6310/6410/8310/8410
DS39635A-page 96
Preliminary
 2004 Microchip Technology Inc.
7.3
8-Bit Mode
The
external
memory
interface
implemented
in
PIC18F6410 devices operates only in Multiplexed 8-bit
mode; data shares the 8 Least Significant bits of the
address bus.
Figure 7-1 shows an example of 8-bit Multiplexed
mode for PIC18F8310/8410 devices. This mode is
used for a single 8-bit memory connected for 16-bit
operation. The instructions will be fetched as two 8-bit
bytes on a shared data/address bus. The two bytes are
sequentially fetched within one instruction cycle (TCY).
Therefore, the designer must choose external memory
devices according to timing calculations based on 1/2
TCY (2 times the instruction rate). For proper memory
speed selection, glue logic propagation delay times
must be considered along with setup and hold times.
The Address Latch Enable (ALE) pin indicates that the
address bits A<15:0> are available on the external
memory interface bus. The Output Enable signal (OE)
will enable one byte of program memory for a portion of
the instruction cycle, then BA0 will change and the
second byte will be enabled to form the 16-bit instruc-
tion word. The Least Significant bit of the address, BA0,
must be connected to the memory devices in this
mode. The Chip Enable signal (CE) is active at any
time
that
the
microcontroller
accesses
external
memory, whether reading or writing; it is inactive
(asserted high) whenever the device is in Sleep mode.
This generally includes basic EPROM and Flash devices.
It allows table writes to byte-wide external memories.
During a TBLWT instruction cycle, the TABLAT data is
presented on the upper and lower bytes of the
AD15:AD0 bus. The appropriate level of the BA0
control line is strobed on the LSb of the TBLPTR.
FIGURE 7-7:
8-BIT MULTIPLEXED MODE EXAMPLE
AD<7:0>
A<19:16>
ALE
D<15:8>
373
A<19:0>
A<x:1>
D<7:0>
OE
OE
WR(1)
CE
Note
1:
This signal only applies to table writes. See Section 6.1 “Table Reads and Table Writes”.
WRL
D<7:0>
PIC18F8410
AD<15:8>
Address Bus
Data Bus
Control Lines
CE
A0
BA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com