Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F6310I/PTSQTP Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC18F6310I/PTSQTP
Description  64/80-Pin Flash Microcontrollers with nanoWatt Technology
PDF  404 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F6310I/PTSQTP Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC18F6310I/PTSQTP Datasheet HTML 61Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 62Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 63Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 64Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 65Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 66Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 67Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 68Page - Microchip Technology PIC18F6310I/PTSQTP Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 404 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39635A-page 63
PIC18F6310/6410/8310/8410
FIGURE 5-2:
MEMORY MAPS FOR PIC18FX310/X410 PROGRAM MEMORY MODES
TABLE 5-1:
MEMORY ACCESS FOR PIC18F8310/8410 PROGRAM MEMORY MODES
000000h
1FFFFFh
External
Program
Memory
External
Program
Memory
On-Chip
Program
Memory
Microcontroller Mode(1)
000000h
External
On-Chip
On-Chip
Program
Memory
1FFFFFh
Reads
000800h
1FFFFFh
0007FFh
Microprocessor with Boot Block Mode(2)
000000h
On-Chip
Program
Memory
External
Program
Memory
Memory
Flash
On-Chip
Program
Memory
(No
access)
‘0’s
External
On-Chip
Memory
Flash
On-Chip
Flash
External
On-Chip
Memory
Flash
(Top of Memory)
(Top of Memory) + 1
Legend:
(Top of Memory) represents upper boundary of on-chip program memory space (1FFFh for PIC18FX310, 3FFFh
for PIC18FX410). Shaded areas represent unimplemented or inaccessible areas, depending on the mode.
Note
1:
This mode is the only available mode on 64-pin devices and the default on 80-pin devices.
2:
These modes are only available on 80-pin devices.
(No
access)
(Top of Memory) + 1
Extended Microcontroller Mode(2)
Microprocessor Mode(2)
000000h
1FFFFFh
(Top of Memory)
(Top of Memory) + 1
Operating
Mode
Internal Program Memory
External Program Memory
Execution
From
Table Read
From
Table Write
To
Execution
From
Table Read
From
Table Write
To
Microcontroller
Yes
Yes
Yes
No Access
No Access
No Access
Extended
Microcontroller
Yes
Yes
Yes
Yes
Yes
Yes
Microprocessor
No Access
No Access
No Access
Yes
Yes
Yes
Microprocessor
w/ Boot Block
Yes
Yes
Yes
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com