Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5553MZP80R2 Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPC5553MZP80R2
Description  Microcontroller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5553MZP80R2 Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPC5553MZP80R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5553MZP80R2 Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
MPC5553 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
14
26
Input Capacitance (Shared digital and analog pins AN12_MA0_SDS,
AN12_MA1_SDO, AN14_MA2_SDI, and AN15_FCK)
CIN_M
—12
pF
27a Operating Current5 1.5V Supplies @ 132MHz:
VDD (including VDDF max current)6, 7 @1.65V Typical Use
VDD (including VDDF max current)6, 7 @1.35V Typical Use
VDD (including VDDF max current) 7, 8 @1.65V High Use
VDD (including VDDF max current)7, 8@1.35V High Use
IDD
IDD
IDD
IDD
—
—
—
—
5509
4509
6009
4909
mA
mA
mA
mA
27b Operating Current 51.5V Supplies @ 114MHz:
VDD (including VDDF max current)6, 7@1.65V Typical Use
VDD (including VDDF max current)6, 7@1.35V Typical Use
VDD (including VDDF max current)7, 8 @1.65V High Use
VDD (including VDDF max current)7, 8 @1.35V High Use
IDD
IDD
IDD
IDD
—
—
—
—
4609
3809
5209
4209
mA
mA
mA
mA
27c Operating Current5 1.5V Supplies @ 82MHz:
VDD (including VDDF max current)6, 7 @1.65V Typical Use
VDD (including VDDF max current)6, 7 @1.35V Typical Use
VDD (including VDDF max current)7, 8 @1.65V High Use
VDD (including VDDF max current)7, 8 @1.35V High Use
IDD
IDD
IDD
IDD
—
—
—
—
3509
2909
4009
3309
mA
mA
mA
mA
27d
IDDSTBY @ 25C
VSTBY @ 0.8V
VSTBY @ 1.0V
VSTBY @ 1.2V
IDDSTBY @ 60C
VSTBY @ 0.8V
VSTBY @ 1.0V
VSTBY @ 1.2V
IDDSTBY @ 150C (Tj)
VSTBY @ 0.8V
VSTBY @ 1.0V
VSTBY @ 1.2V
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
IDDSTBY
—
—
—
—
—
—
—
—
—
20
30
50
70
100
200
1200
1500
2000
µA
µA
µA
µA
µA
µA
µA
µA
µA
28
Operating Current 3.3V Supplies @ 132MHz:
VDD3310
IDD33
—
2 + values
derived
from
procedure
of Footnote
10
mA
VFLASH
IVFLASH
—10
mA
VDDSYN
IDDSYN
—15
mA
Table 9. DC Electrical Specifications (continued)
Num
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com